Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS2013 Datasheet(PDF) 5 Page - International Rectifier

Part # IRMCS2013
Description  Encoder Based Low Voltage Servo Drive Design Platform
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2013 Datasheet(HTML) 5 Page - International Rectifier

  IRMCS2013 Datasheet HTML 1Page - International Rectifier IRMCS2013 Datasheet HTML 2Page - International Rectifier IRMCS2013 Datasheet HTML 3Page - International Rectifier IRMCS2013 Datasheet HTML 4Page - International Rectifier IRMCS2013 Datasheet HTML 5Page - International Rectifier IRMCS2013 Datasheet HTML 6Page - International Rectifier IRMCS2013 Datasheet HTML 7Page - International Rectifier IRMCS2013 Datasheet HTML 8Page - International Rectifier IRMCS2013 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Reference Design
IRMCS2013
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
4
1. Overview
The IRMCS2013 is a low voltage design platform for a complete servo drive system based on IRMCK201 IC. The
system is based on configurable Motion Control Engine implemented by hardware logics in the IRMCK201. The
system has a simple and low cost yet very flexible structure, made possible by advanced IR motion components
including the IR2106 gate drive high voltage IC, and IR2175 monolithic current sensing high voltage IC. These
components together with IRMCK201 IC simplify hardware construction, and perform complete servo amplifier
functions. Figure 1 shows the IRMCS2013 system block diagram. Since all control logic is implemented in hardware
logic as opposed to software program, unmatched parallel computation is achieved resulting in high bandwidth torque
control.
Despite the fact that technology is based on hardware logic implementation, its design flexibility allows the user to
configure different types of motors, position feedback devices, and communication protocols. The system also allows
feedforward control in addition to existing PI control.
Design cycle time can be greatly shortened. Unlike a traditional DSP or microcontroller, the architecture is based on
configurable register interface and does not require any programming to complete customization for specific
application needs. The user only has to configure the drive using ServoDesignerTM interactive design tool and it takes
just a matter of hours instead of months and years.
Once the user become satisfied with function and performance, he can generate his own design using IRMCS2013
schematics and B/Ms.
Multi-Axis
Host
or
other host
controller
IR2175
IR2175
IRMCK201
Motor
DC Power
iMOTION Chip Set
TM
Encoder
RS232C
or
RS422
θ
j
e
θ
j
e
Quadrature
Decoding
1/T counter
speed
measurement
2/3
Ks
dt
++
Dead
time
Host
Register
Interface
Configuration
Registers
Monitoring
Registers
SPI
Interface
Space
Vector
PWM
Period/Duty
counters
Period/Duty
counters
BRAKE
FAULT
+
-
-
+
-
+
A/D
interface
A/D MUX
select
DC bus dynamic
brake control
Analog Speed
Reference
DC bus feedback
Parallel
Interface
IRFB59N10D
MOSFET
Inverter
EEPROM
Figure 1. IRMCS2013 System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com