Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS2013 Datasheet(PDF) 8 Page - International Rectifier

Part # IRMCS2013
Description  Encoder Based Low Voltage Servo Drive Design Platform
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2013 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRMCS2013 Datasheet HTML 4Page - International Rectifier IRMCS2013 Datasheet HTML 5Page - International Rectifier IRMCS2013 Datasheet HTML 6Page - International Rectifier IRMCS2013 Datasheet HTML 7Page - International Rectifier IRMCS2013 Datasheet HTML 8Page - International Rectifier IRMCS2013 Datasheet HTML 9Page - International Rectifier IRMCS2013 Datasheet HTML 10Page - International Rectifier IRMCS2013 Datasheet HTML 11Page - International Rectifier IRMCS2013 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Reference Design
IRMCS2013
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
7
3. Preparing the Motor
3.1 Readily Drivable Motor List
If the motor is one of the following, it can be run immediately without commissioning.
•
Sanyo Denki 70W 8-pole servo motor with 2000-pulse encoder (P50B05007AXS7Z)
•
Glentek 160W 4-pole servo motor with 2000-pulse encoder (GMB2005-8-N-02121109)
If any other motor is used, adaptation and re-configuration is required, which can be accomplished by using the
ServoDesignerTM tool and the “IRMCx201-DriveParams.xls” file
3.2 Assembling Encoder Connector
Prepare the connector assembly to the encoder cables.
•
Assemble 14-pin male connector (Digikey part number WM18046-ND), referring to Figure 2.
•
Make sure that the encoder is a 5V type. If it is not a 5V type, proper modification is required.
For permanent magnet motors:
•
Eleven pins are used: A+ (pin 2), A- (pin 3), B+ (pin 4), B- (pin 5), Z+ (pin 6), Z- (pin 7), HALL_A (pin 10),
HALL_B (pin 11), HALL_C (pin 12), 5V(pin 1 or pin 9) and GND (pin 8 or pin 14).
•
If hall sensors have differential output, connect only positive sides and leave negative sides open.
For induction motors:
•
Only six pins are used because z-pulse is not necessary for an induction machine. The six pins are: A+ (pin
2), A- (pin 3), B+ (pin 4), B- (pin 5), 5V(pin 1 or pin 9) and GND (pin 8 or pin 14).
•
Disable Z_pulse by connecting Z+ to GND and Z- to 5V.
Figure 2. Encoder Interface Connector, J3
3.3 Motor Power Cable
If necessary, prepare the motor power cable. Proper size and length of cable should be used.
3.4 Assembling Serial Connector
Prepare the connector assembly. One side is female D-sub 9 connector and the other side is 3-pin receptacle (Digikey
part number A19491-ND). Connect two connectors as shown in Table 1.
Signal
Female D-sub 9
3-pin receptacle
Tx
Pin 2
Pin 1
Rx
Pin 3
Pin 2
GND
Pin 5
Pin 3
Table 1. Serial Cable Connections
Sanyo Denki’s encoder cable wire:
A+ = Blue,
A- = Brown
B+ = Green,
B- = Purple
Z+ = White,
Z- = Yellow
5V = Red,
VSS (GND) = Black
This is a wire-saving type encoder. Hall signals are
multiplexed with encoder A, B and Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com