Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS2013 Datasheet(PDF) 20 Page - International Rectifier

Part # IRMCS2013
Description  Encoder Based Low Voltage Servo Drive Design Platform
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2013 Datasheet(HTML) 20 Page - International Rectifier

Back Button IRMCS2013 Datasheet HTML 16Page - International Rectifier IRMCS2013 Datasheet HTML 17Page - International Rectifier IRMCS2013 Datasheet HTML 18Page - International Rectifier IRMCS2013 Datasheet HTML 19Page - International Rectifier IRMCS2013 Datasheet HTML 20Page - International Rectifier IRMCS2013 Datasheet HTML 21Page - International Rectifier IRMCS2013 Datasheet HTML 22Page - International Rectifier IRMCS2013 Datasheet HTML 23Page - International Rectifier IRMCS2013 Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Reference Design
IRMCS2013
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
19
9. Appendix
9.1 External I/O
Connect External I/O Connector (J7) as needed. All inputs are 5V tolerant and high true logic.
Pin definition
Pin 1: Analog input (+/-10V)
Pin 2: Analog GND
Pin 3: Digital GND
Pin 4: FAULT status output (3.3V when FAULT)
Pin 5: SYNC status output (3usec width of active low
pulse at every carrier frequency period)
Pin 6: PWMACTIVE output (3.3V when PWM active)
Pin 7: +5V
Pin 8: START input (high to activate)
Pin 9: STOP input (high to activate)
Pin 10: Ifb offset calibration input (high to activate)
Pin 11: Fault Clear input (high to activate)
Pin 12: Digital GND
Figure 14. External I/O Connector, J6
9.2 RS232C Connector
IRMCS2013 has two serial RS232C connectors on the board. J4 is for IRMCK201 and J5 is for Microchip IC
(U19). Adaptation from D-sub 9 pin standard PC female connector to AMP 3 pin connector are required to be
directly connectable to PC serial port. As shown in Figure 15, pin 1 is send-signal and pin 2 is receive-signal, and
both are 10V signal level. The baud rate is fixed at 57.6 kbps. The signal format is 8 bits, no parity, 1 stop bit.
Figure 15. RS232C Connector, J4
GND
GND
5V
GND
12
11
2
1
J6 Top View
FLTCLR
START
STOP
IFBCAL
User supplied
power supply
GND
-10V +10V
10k ohm
potentiometer
Tx
Rx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com