Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS2013 Datasheet(PDF) 21 Page - International Rectifier

Part # IRMCS2013
Description  Encoder Based Low Voltage Servo Drive Design Platform
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2013 Datasheet(HTML) 21 Page - International Rectifier

Back Button IRMCS2013 Datasheet HTML 17Page - International Rectifier IRMCS2013 Datasheet HTML 18Page - International Rectifier IRMCS2013 Datasheet HTML 19Page - International Rectifier IRMCS2013 Datasheet HTML 20Page - International Rectifier IRMCS2013 Datasheet HTML 21Page - International Rectifier IRMCS2013 Datasheet HTML 22Page - International Rectifier IRMCS2013 Datasheet HTML 23Page - International Rectifier IRMCS2013 Datasheet HTML 24Page - International Rectifier IRMCS2013 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Reference Design
IRMCS2013
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
20
9.3 Parallel Interface Port
IRMCS2013 provides an 8-bit parallel interface port to facilitate microprocessor interface. The interface is generic and
compatible with most common 8-bit parallel interfaces such as MCS8051, some Motorola 8-bit uP, MicroChip, etc.
Figure 16 shows the connection diagram. The connector J7 is a 2-by-8 connector.
Figure 16. Parallel Interface Port, J7
Each signal is 3.3V level and data bus is multiplexed. Table 3 summarizes each signal definition.
Signal
I/O1
Description
HP_nCS
I
Active low Host Port Chip Select
HP_nOE
I
Active Low Host Port Output Enable
HP_nWE
I
Active low Host Port Write Enable
HP_A
I
Host Port Register Address. 1 = Address register, 0 = Data Register
HP_Dn
I/O
Bidirectional Host Port data bus, where n = data bit 0 - 7
Table 3. Microprocessor Interface Module Signal Definitions
Figure 17 and Table 4 show read cycle timing for the host parallel interface. Figure 18 and Table 5 show write cycle
timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com