Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6255 Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP6255
Description  High Efficiency Synchronous Boost Convertor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6255 Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP6255 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LP6255-02
Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 8 of 10
Preliminary Datasheet
LP6255
Application Information
The LP6255 wide input range synchronous boost
controller features all of the functions necessary to
implement a highly efficient synchronous boost
regulator. The regulator control method is based
upon peak current mode control. Peak current mode
control provides inherent line feed-forward and ease
of loop compensation. This highly integrated
controller provides strong high-side and low-side
N-channel
MOSFET
drivers.
The
switching
frequency is user programmable up to 1MHz, by a
single resistor connected to ground. The LP6255
contains an internal high voltage regulator that
provides typical 5V the controller and N-channel
MOSFET drivers. The input of the VIN regulator can
be connected to a voltage source as high as 30V.
The control mode of high-side synchronous switch
can be configured as either forced PWM (FPWM) or
diode emulation mode. Fault protection features
include cycle-by-cycle current limiting, hiccup mode
over load protection, hiccup mode short circuit
protection, thermal shutdown. Hiccup mode short
circuit protection minimizes power dissipation during
prolonged output short condition. The device is
available in 20-pin QFN package featuring an
exposed pad to aid in thermal dissipation.
Setting the Output Voltage
Set the output voltage by selecting the resistive
voltage divider ratio. The voltage divider drops the
output voltage to the 1.31V feedback voltage. Use a
10K resistor for R2 of the voltage divider. Determine
the high-side resistor R1 by the equation:
VOUT = ( R1 / R2 + 1 ) × VFB
Oscillator and Clock Synchronization
The LP6255 switching frequency is programmable
by a single external resistor connected between the
RT pin and the GND pin. The resistor should be
located very close to the device and connected
directly to the RT and GND pin. To set a desired
switching frequency (fLX), the resistor value can be
programmed as below.
RT
RT
PWM Comparator
The PWM comparator compares the sum of sensed
inductor current and slope compensation ramp to the
voltage at the COMP pin through a 1.2V internal
COMP to PWM voltage drop and terminates the
present cycle when the sum of sensed inductor
current and slope compensation ramp is greater than
VCOMP
HDR and LDR Drivers
The LP6255 contains two strong N-channel
MOSFET gate drivers and a high-side level shifter to
drive the external N-channel MOSFET switches. The
high-side gate driver works in conjunction with an
external bootstrap diode DBST, and bootstrap
capacitor CBST. During the on-time of the low-side
N-channel MOSFET driver, the LX pin voltage is
approximately 0V and the CBST is charged from VIN
through the DBST. A 0.1μF or larger ceramic
capacitor, connected with short traces between the
BST and LX pin, is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com