Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6255 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP6255
Description  High Efficiency Synchronous Boost Convertor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6255 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP6255 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LP6255-02
Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 10
Preliminary Datasheet
LP6255
Electrical Characteristics
(VIN=5V, VOUT=12V, L=10uH, R1=123K, R2=15K, RT=400K, RSLP=51K)
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage
2.5
30
V
Output Voltage Range
2.8
30
V
VREF Voltage
4.5
5
5.2
V
Supply Current(Shutdown)
VEN=0V
10
30
μA
Supply Current
VFB=1V
2.5
mA
Voltage for Input Current Limit(VCS)
Cycle-by-cycle current limit
threshold
100
mV
Feedback Voltage
1.31
V
Feedback Input Current
VFB=1.3V
100
nA
Switching Frequency
RT=400KΩ
250
KHz
Maximum Duty Cycle
80
90
95
%
LDR HIGH Voltage
VIN=5V, VOUT=12V
5
V
HDR HIGH Voltage
VIN=5V, VOUT=12V
17
V
EN Input Low Voltage
1
V
EN Input High Voltage
2.5
6
V
EN Input Bias Current
VEN=5V, IOUT=0A
100
μA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com