Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6255 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6255
Description  High Efficiency Synchronous Boost Convertor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6255 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6255 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LP6255-02
Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 10
Preliminary Datasheet
LP6255
High Efficiency Synchronous Boost Convertor
General Description
The LP6255 is a Synchronous current mode boost
DC-DC converter with external N-channel MOSFET
for large power output. Programmable high switching
frequency allows wide application range and easy
setting with a few capacitors or resistors. Its error
amplifier is connected to an internal 1.31V precision
reference voltage. Current mode control and external
compensation network make it easy and flexible to
stabilize the system.
Order Information
LP6255 □ □ □
F: Halogen Free and Pb Free
Package Type
QV: QFN-20
Applications
Battery products
Host OTG
Audio power
Electronic cigarette
Pin Configurations
1
2
3
4
5
6
7
8
9
10
COMP
FB
SLP
VREF
GND
EN
NC MODE
SS
VREF
OUT
GND
CS
VIN
NC
BST
GND
15
14
13
12
11
20
19
18
17
16
RT
LDR
LX
HDR
Features
High efficiency with low RDS(ON) MOS
Adaptive Dead time Control
Optional Diode Emulation Mode
Programmable Over Input current Protection
Over Temperature Protection
Programmable frequency switching
1.31V Reference voltage for setting output voltage
Available in TQFN-20 3×3mm
Marking Information
Device
Marking
Package
Shipping
LP6255QVF
LPS
LP6255
YWX
QFN-20
3K/REEL
Marking indication:
Y:Production year W:Production week X:Production batch.
Typical Application Circuit
CS
VIN
COMP
LDR
HDR
VOUT
FB
MODE
LP6255
MODE
Control
VIN
RS
L
CBST
CIN
C1
CSS
RT
RCOMP
CCOMP
R2
R1
High side
NMOS
Low side
NMOS
VOUT
COUT
66uF
CHF
C3/NC
EN
R3
Chip
Enable
R6
SLP


Similar Part No. - LP6255

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6250 POWER-LP6250 Datasheet
399Kb / 8P
2.1A Synchronous Current Boost DC/DC Regulator
Sep.-2010
LP6250-QVF POWER-LP6250-QVF Datasheet
399Kb / 8P
2.1A Synchronous Current Boost DC/DC Regulator
Sep.-2010
LP6252 POWER-LP6252 Datasheet
460Kb / 8P
Output to Input Disconnect at Shutdown Mode
LP6253 POWER-LP6253 Datasheet
844Kb / 11P
Output to Input Disconnect at Shutdown Mode
LP6253H POWER-LP6253H Datasheet
1Mb / 12P
High Efficiency 8A Synchronous Boost Convertor
More results

Similar Description - LP6255

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6212A POWER-LP6212A Datasheet
731Kb / 7P
High Efficiency 4A Boost DC/DC Convertor
LP6218 POWER-LP6218 Datasheet
714Kb / 9P
High Efficiency 2.1A Boost DC/DC Convertor
LP6226 POWER-LP6226 Datasheet
935Kb / 7P
High Efficiency Boost DC/DC Convertor
LP6230B POWER-LP6230B Datasheet
562Kb / 7P
High Efficiency 2.4A Boost DC/DC Convertor
LP6235 POWER-LP6235 Datasheet
420Kb / 6P
High Efficiency 3A Boost DC/DC Convertor
LP6236 POWER-LP6236 Datasheet
878Kb / 9P
High Efficiency 2.0A Boost DC/DC Convertor
LP6253H POWER-LP6253H Datasheet
1Mb / 12P
High Efficiency 8A Synchronous Boost Convertor
LP6216 POWER-LP6216 Datasheet
596Kb / 8P
High Efficiency 3A Boost DC/DC Convertor
LP6221A POWER-LP6221A Datasheet
439Kb / 7P
High Efficiency 10A Boost DC/DC Convertor
LP6222 POWER-LP6222 Datasheet
651Kb / 9P
High Efficiency Boost DC/DC Convertor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com