Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6255 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6255
Description  High Efficiency Synchronous Boost Convertor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6255 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6255 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LP6255-02
Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 10
Preliminary Datasheet
LP6255
Typical Application Circuit
CS
VIN
VREF
COMP
LDR
VOUT
FB
MODE
LP6255
VIN
3V - 11V
RS
4mΩ
L
10uH
CIN
66uF
C1
10uF
CSS
220nF
RT
240KΩ
RCOMP
1KΩ
CCOMP
33nF
R2
13KΩ
R1
110KΩ
VOUT
12V / 3A
COUT1
66uF
CHF
COUT2
220uF
EN
R3
1MΩ
Chip
Enable
R8
100KΩ
LPM30N50
Application in asynchronous mode
CS
VIN
VREF
COMP
LDR
HDR
FB
MODE
LP6255
VIN
5V - 11V
RS
4mΩ
L
10uH
CBST
0.1uF
CIN
66uF
C1
10uF
CSS
220nF
RT
500KΩ
RCOMP
1KΩ
CCOMP
33nF
R2
13KΩ
R1
110KΩ
LPM30N50
VOUT
12V / 3A
COUT1
66uF
CHF
COUT2
220uF
EN
R3
1MΩ
Chip
Enable
R8
100KΩ
R6
10KΩ
R7
1KΩ
LPM30N50
VOUT
Application in synchronous mode @ VIN>5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com