Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6255 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6255
Description  High Efficiency Synchronous Boost Convertor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6255 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6255 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LP6255-02
Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 10
Preliminary Datasheet
LP6255
Functional Pin Description
Pin
Name
Description
1
COMP
Compensation pin. The loop compensation network should be connected between this pin
and the GND pin.
2
FB
Feedback input. Connect to an external resistive voltage divider from the output to FB to set
the output voltage. The pin is 1.31V. VOUT=1.31×(R1/R2+1)V.
3
SLP
Slope compensation is programmed by an external resistor between SLP and the GND.
7,18
NC
No Connector. There should not connect ground or VIN to it. Leaving it float is OK.
4,13
VREF
Internal bias supply. Decouple with a 10uF ceramic capacitor as close to the pin as possible.
6
EN
Chip enable pin. If the EN pin is below 1V, the regulator is in the shutdown mode with all
functions disabled. If the EN pin voltage is above 2.2V, the startup sequence begins. EN
exceeds 2.2 V and flows through the external EN resistors to provide hysteresis. The EN pin
should not be left floating.
8
MODE
Switching mode selection pin. When MODE pin voltage is greater than 1.4 V, diode
emulation mode threshold, forced PWM mode is enabled, allowing current to flow in either
direction through the high-side N-channel MOSFET switch. If the MODE pin is below 0.1V or
grounded, the controller still operates in diode emulation mode, but the skip cycle comparator
will not be triggered in normal operation, this enables pulse skipping operation at light load.
9
RT
The internal oscillator frequency is programmed by an external resistor between RT and the
GND. The internal oscillator can be synchronized to an external clock by applying a positive
pulse signal into this pin.
10
SS
Soft start pin. Connect a capacitor to this pin. The capacitor is charged with a constant
current.
5,11
GND
Power Ground pin.
12
LDR
Pin for driving external N-Channel MOS which cooperates with external NMOS.
14
VOUT
This pin needs connection to output node.
15
LX
Connect inductor between LX and VIN. Make these PCB trace lengths as short and wide as
possible to reduce EMI and voltage overshoot.
16
HDR
Pin for driving external N-Channel MOS which work as switch tube.
17
BST
Bootstrap pin to power the MOS driver. Connect a capacitor between this pin and LX pin.
19
CS
Connect to negative-side of current sense resistor as voltage detective pin cooperating with
VIN pin.
20
VIN
Voltage supply pin.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com