Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6255 Datasheet(PDF) 9 Page - Lowpower Semiconductor inc

Part # LP6255
Description  High Efficiency Synchronous Boost Convertor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6255 Datasheet(HTML) 9 Page - Lowpower Semiconductor inc

Back Button LP6255 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LP6255-02
Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 9 of 10
Preliminary Datasheet
LP6255
The LDR and HDR outputs are controlled with an
adaptive dead-time methodology which ensures that
both outputs are never enabled at the same time.
When the controller commands LDR to be enabled,
the adaptive dead-time logic first disables HDR and
waits for HDR-LX voltage to drop. LDR is then
enabled after a small delay (HDR Fall to LDR Rise
Delay). Similarly, the HDR turn-on is delayed until
the LDR voltage has discharged. HDR is then
enabled after a small delay (LDR Fall to HDR Rise
Delay). This technique ensures adequate dead-time
for any size N-channel MOSFET or parallel MOSFET
configurations especially when VIN is supplied by a
higher external voltage source. Use caution when
adding series gate resistors, as this may decrease
the effective dead-time.
Care should be exercised in selecting the N-channel
MOSFET devices threshold voltage. During startup
at low input voltages, the low-side N-channel
MOSFET's gate plateau voltage should be
sufficiently low to completely enhance the N-channel
MOSFET device. If the low-side MOSFET drive
voltage is lower than the low-side MOSFET gate
plateau voltage during startup, the regulator may not
start properly and it may operate at the maximum
duty cycle in a high power dissipation state.
Cycle-by-Cycle Current Limit
The LP6255 features a peak cycle-by-cycle current
limit function. If the VIN to CS voltage exceeds the
100mV cycle-by-cycle current limit threshold, the
current limit comparator immediately terminates the
LDR output. For the case where the inductor current
overshoots the desired limit, such as inductor
saturation, the current limit comparator blocks LDR
pulses until the current has decayed below the
current limit threshold. Peak inductor current in
current limit can be calculated as follows:
S
PEAK
R
mV
I
100
Thermal Protection
Internal thermal shutdown circuitry is provided to
protect the controller in the event the maximum
junction temperature is exceeded. When activated,
typically at 150℃, the controller is forced into a
low-power shutdown mode, disabling the output
drivers, disconnection switch and the VIN regulator.
This feature is designed to prevent overheating and
destroying the device.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com