Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6255 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6255
Description  High Efficiency Synchronous Boost Convertor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6255 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6255 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6255 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LP6255-02
Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 10
Preliminary Datasheet
LP6255
Function Block Diagram
SLOPE
COMPENSAION
CURRENT
SENSER
INTERNAL
COMPENSATION
CONTROL
LOGIC
OSC
FB
GND
VOUT
REF
HDR
LDR
LX
Voltage
regulation
COMP
Soft
Start
SS
BST
CS
Voltage
Filter
VIN
EN
RT
VREF
MODE
SLP
Absolute Maximum Ratings
Note 1
Input, CS to GND --------------------------------------------------------------------------------------------- -0.3V to 33V
HDR, BST to GND ------------------------------------------------------------------------------------------- -0.3V to 40V
LX to GND ------------------------------------------------------------------------------------------------------ -0.3V to 35V
OUT to GND --------------------------------------------------------------------------------------------------- -0.3V to 33V
Other Pin to GND ----------------------------------------------------------------------------------------------- -0.3V to 6V
Maximum Junction Temperature ---------------------------------------------------------------------------------- 150℃
Operating Ambient Temperature Range -------------------------------------------------------- -40℃ to 85℃
Maximum Soldering Temperature (at leads, 10 sec) -------------------------------------------------------- 260℃
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Thermal Information
Maximum Power Dissipation (TQFN-20, PD,TA=25℃) ------------------------------------------------------- 1.2W
Thermal Resistance (TQFN-20, JA) ---------------------------------------------------------------------------- 95℃/W
ESD Susceptibility
HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) --------------------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com