Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEAA2A Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LEAA2A
Description  compact lightsource in multi chip on board technology planar sealed
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAA2A Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LEAA2A Datasheet HTML 4Page - OSRAM GmbH LEAA2A Datasheet HTML 5Page - OSRAM GmbH LEAA2A Datasheet HTML 6Page - OSRAM GmbH LEAA2A Datasheet HTML 7Page - OSRAM GmbH LEAA2A Datasheet HTML 8Page - OSRAM GmbH LEAA2A Datasheet HTML 9Page - OSRAM GmbH LEAA2A Datasheet HTML 10Page - OSRAM GmbH LEAA2A Datasheet HTML 11Page - OSRAM GmbH LEAA2A Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LE A A2A
2008-07-07
8
Durchlassstrom
2) Seite 16
Forward Current
2) page 16
I
F = f (VF); TA = 25 °C
Relative Lichtstärke
2) 8) Seite 16
Relative Luminous Intensity
) 8) page 16
Ι
V/ΙV(750 mA ) = f (IF); TA = 25 °C; tP=1ms, D=0,0003
Relative Lichtstärke
2) Seite 16
Relative Luminous Intensity
) page 16
Ι
V/ΙV(25 °C) = f (Tj); IF = 750 mA
OHL02694
1.5
F
V
10
-2
I
F
10
-1
0
10
1
10
5
5
2
2.5
3
3.5
4
V 5
A
OHL02691
1
10
F
I
10
-2
V (750 mA)
I
I
V
5
2
10
3
10
mA
5
10
-1
10
0
5
5
OHL03075
0
-40
˚C
T
0.5
1.0
1.5
2.0
2.5
-20
0
20 40 60
100
j
-60
amber
red
I
V (25 ˚C)
V
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com