Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEAA2A Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LEAA2A
Description  compact lightsource in multi chip on board technology planar sealed
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAA2A Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LEAA2A Datasheet HTML 7Page - OSRAM GmbH LEAA2A Datasheet HTML 8Page - OSRAM GmbH LEAA2A Datasheet HTML 9Page - OSRAM GmbH LEAA2A Datasheet HTML 10Page - OSRAM GmbH LEAA2A Datasheet HTML 11Page - OSRAM GmbH LEAA2A Datasheet HTML 12Page - OSRAM GmbH LEAA2A Datasheet HTML 13Page - OSRAM GmbH LEAA2A Datasheet HTML 14Page - OSRAM GmbH LEAA2A Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LE A A2A
2008-07-07
11
Zulässige Impulsbelastbarkeit I
F = f (tp)
Permissible Pulse Handling Capability
amber Duty cycle D = parameter, Tboard = 25°C
2 chips operated parallel; current for single chip is If/2
Zulässige Impulsbelastbarkeit I
F = f (tp)
Permissible Pulse Handling Capability
amber Duty cycle D = parameter,
T
board = 25 °C
4 chips operated parallel; current for single chip is If/4
Zulässige Impulsbelastbarkeit I
F = f (tp)
Permissible Pulse Handling Capability
amber Duty cycle D = parameter, Tboard = 85 °C
2 chips operated parallel; current for single chip is If/2
Zulässige Impulsbelastbarkeit I
F = f (tp)
Permissible Pulse Handling Capability
amber Duty cycle D = parameter, T
board = 85 °C
4 chips operated parallel; current for single chip is If/4
2.6
F
I
A
tp
OHL02598
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
0.5
1.5
2.5
3.5
4.5
6
ms
I
P
t
=
D
T
T
P
t
F
0.5
0.3
0.2
0.1
0.01
0.02
0.05
D
0.005
=
4.5
F
I
A
tp
OHL02602
P
t
=
D
T
P
t
T
IF
6
ms
0.01
0.005
D
0.1
0.05
0.02
=
0.5
0.3
0.2
0.5
1.5
2.5
3.5
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
1.8
F
I
A
tp
OHL02599
0.5
1.5
2.5
3.5
4.5
6
ms
I
P
t
=
D
T
T
P
t
F
0.01
0.02
0.05
D
0.005
=
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.2
0.1
0.2
0.3
0.5
3.0
F
I
A
tp
OHL02603
P
t
=
D
T
P
t
T
IF
6
ms
0.5
1.5
2.5
3.5
4.5
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.5
0.05
0.3
0.5
0.2
0.1
D
0.005
0.02
0.01
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com