Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEAA2A Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LEAA2A
Description  compact lightsource in multi chip on board technology planar sealed
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAA2A Datasheet(HTML) 5 Page - OSRAM GmbH

  LEAA2A Datasheet HTML 1Page - OSRAM GmbH LEAA2A Datasheet HTML 2Page - OSRAM GmbH LEAA2A Datasheet HTML 3Page - OSRAM GmbH LEAA2A Datasheet HTML 4Page - OSRAM GmbH LEAA2A Datasheet HTML 5Page - OSRAM GmbH LEAA2A Datasheet HTML 6Page - OSRAM GmbH LEAA2A Datasheet HTML 7Page - OSRAM GmbH LEAA2A Datasheet HTML 8Page - OSRAM GmbH LEAA2A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LE A A2A
2008-07-07
5
R
T = NTC resistance in Ω at temperature T in K
R
N = NTC resistance in Ω at rated temperature TN
in K (T
N = 298 K for test condition)
T, T
N = temperature in K
e = base of the natural logarithm (e = 2.71828)
B = B value, material specific constant of the NTC
thermistor
Typische Thermistor Kennlinie
2) 7) Seite 16
Typical Thermistor Graph
2) 7) page 16
I
F = f (VF); Tboard = 25 °C
SMD NTC Thermistors
SMD NTC Thermistors
R
25
[Ω]
No. of R/T
characteristic
s*
B
25/50
[K]
B
25/85
[K]
Resistance
Tolerance
Δ R
N/RN
B value
Tolerance
Δ B/B
10k
EPCOS 8502
3940
3980
± 5%
± 3%
* for further information please visit www.epcos.com
R
T
R
N
e
B
1
T
---
1
T
N
------
–
⎝⎠
⎛⎞
⋅
⋅
=
BB
NT
⁄
TT
N
⋅
TT
N
–
----------------
R
N
R
T
-------
ln
⋅
==
0
0˚C
T
R
Ω
OHL02609
NTC
1000
2000
3000
4000
5000
6000
7000
10000
10 20 30 40 50 60 70
90
Wellenlängengruppen (Dominantwellenlänge)
4) Seite 16
Wavelength Groups (Dominant Wavelength)
4) page 16
Gruppe
Group
amber
Einheit
Unit
min.
max.
3
613
619
nm
4
619
625
nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com