Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEAA2A Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LEAA2A
Description  compact lightsource in multi chip on board technology planar sealed
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAA2A Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LEAA2A Datasheet HTML 8Page - OSRAM GmbH LEAA2A Datasheet HTML 9Page - OSRAM GmbH LEAA2A Datasheet HTML 10Page - OSRAM GmbH LEAA2A Datasheet HTML 11Page - OSRAM GmbH LEAA2A Datasheet HTML 12Page - OSRAM GmbH LEAA2A Datasheet HTML 13Page - OSRAM GmbH LEAA2A Datasheet HTML 14Page - OSRAM GmbH LEAA2A Datasheet HTML 15Page - OSRAM GmbH LEAA2A Datasheet HTML 16Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LE A A2A
2008-07-07
13
Ersatzschaltbild für den thermischen Widerstand
9) Seite 16
Analogon lay out for thermal resistance
9) page 16
Verpackung
9) Seite 16
25 St. pro Box = Verpackungseinheit
Method of Packing
9) page 16
25 pcs. per tray = packing unit
OHTE2881
Chip 1
Chip 2
Chip 4
Chip 3
Board
Baseplate
T
=
TAmbient
Junction,chip1
T
Junction,chip2
T
Junction,chip3
T
Junction,chip4
T
th,board
R
= 3 K/W
= 8 K/W
th,chip
R
Submount
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com