Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEAA2A Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LEAA2A
Description  compact lightsource in multi chip on board technology planar sealed
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAA2A Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LEAA2A Datasheet HTML 8Page - OSRAM GmbH LEAA2A Datasheet HTML 9Page - OSRAM GmbH LEAA2A Datasheet HTML 10Page - OSRAM GmbH LEAA2A Datasheet HTML 11Page - OSRAM GmbH LEAA2A Datasheet HTML 12Page - OSRAM GmbH LEAA2A Datasheet HTML 13Page - OSRAM GmbH LEAA2A Datasheet HTML 14Page - OSRAM GmbH LEAA2A Datasheet HTML 15Page - OSRAM GmbH LEAA2A Datasheet HTML 16Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
2008-07-07
12
LE A A2A
Maßzeichnung
9) Seite 16
Package Outlines
9) page 16
Verwendeter Stecker
Used male connector on board:
10 Pin JST BM 10B-SRSS-TB (www.jst.com)
Empfohlene Gegenstecker /
JST SHR-10V-S (www.jst.com)
Recommended female connector for power supply:
JST SHR-10V-S-B (www.jst.com)
JST SHR-10SR-35 (www.jst.com)
Chip-Position: LE A A2A
1:Amber
2:Amber
3:Amber
4:Amber
Pin-Assignment:
a1:
Cathode C2
2:
Anode C2
3:
Anode C1
4:
Cathode C1
5:
NTC
6:
NTC
7:
Cathode C3
8:
Anode C3
9:
Anode C4
10:
Cathode C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com