Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8392ACP-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8392ACP-R2
Description  Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8392ACP-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8392ACP-R2 Datasheet HTML 2Page - Analog Devices AD8392ACP-R2 Datasheet HTML 3Page - Analog Devices AD8392ACP-R2 Datasheet HTML 4Page - Analog Devices AD8392ACP-R2 Datasheet HTML 5Page - Analog Devices AD8392ACP-R2 Datasheet HTML 6Page - Analog Devices AD8392ACP-R2 Datasheet HTML 7Page - Analog Devices AD8392ACP-R2 Datasheet HTML 8Page - Analog Devices AD8392ACP-R2 Datasheet HTML 9Page - Analog Devices AD8392ACP-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8392
Rev. 0 | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
PD (0, 0)
PD (0, 1)
OUTPUT POWER (dBm)
15
–70
–55
–50
–45
16
18
21
–65
–60
20
19
17
PD (1, 0)
CREST FACTOR = 5.45
Figure 4. MTPR vs. Output Power (1.75 MHz Empty Bin)
ADSL/ADSL2+ Circuit (Figure 32)
VS = ±12 V, RLOAD = 100 Ω, CF = 5.45
–100
–90
–80
–70
–60
–50
0.1
1
10
FREQUENCY (MHz)
HD3 PD (0, 1)
HD2 PD (0, 0)
HD2 PD (0, 1)
HD3 PD (0, 0)
HD3 PD (1, 0)
HD2 PD (1, 0)
Figure 5. Harmonic Distortion vs. Frequency
Dual Differential Driver Circuit (Figure 30)
VS = ±12 V, RLOAD = 100 Ω, G = +5, VOUT = 2 V p-p
FREQUENCY (MHz)
0.1
–120
–80
–70
–50
11
–110
–90
–100
–60
0
HD2 PD (1, 0)
HD2 PD (0, 1)
HD3 PD (0, 0)
HD3 PD (0, 1)
HD2 PD (0, 0)
HD3 PD (1, 0)
Figure 6. Harmonic Distortion vs. Frequency
Quad Op Amp Circuit (Figure 29)
VS = ±12 V, RLOAD = 100 Ω, G = +5, VOUT = 2 V p-p
OUTPUT POWER (dBm)
550
600
650
700
750
800
850
900
950
15
16
17
18
19
20
21
PD (0, 0)
PD (1, 0)
PD (0, 1)
CREST FACTOR = 5.45
Figure 7. Power Consumption vs. Output Power (26 kHz to 2.2 MHz)
ADSL/ADSL2+ Circuit (Figure 32)
VS = ±12 V, RLOAD = 100 Ω, CF = 5.45
–100
–90
–80
–70
–60
–50
0.1
1
10
FREQUENCY (MHz)
HD3 PD (0, 0)
HD2 PD (0, 0)
HD2 PD (0, 1)
HD2 PD (1, 0)
HD3 PD (1, 0)
HD3 PD (0, 1)
Figure 8. Harmonic Distortion vs. Frequency
Dual Differential Driver Circuit (Figure 30)
VS = ±5 V, RLOAD = 100 Ω, G = +5, VOUT = 2 V p-p
FREQUENCY (MHz)
0.1
–120
–80
–70
–50
11
–110
–90
–100
–60
0
HD2 PD (1, 0)
HD2 PD (0, 1)
HD3 PD (0, 0)
HD3 PD (0, 1)
HD2 PD (0, 0)
HD3 PD (1, 0)
Figure 9. Harmonic Distortion vs. Frequency
Quad Op Amp Circuit (Figure 29)
VS = ±5 V, RLOAD = 100 Ω, G = +5, VOUT = 2 V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com