Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8392ACP-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8392ACP-R2
Description  Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8392ACP-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8392ACP-R2 Datasheet HTML 5Page - Analog Devices AD8392ACP-R2 Datasheet HTML 6Page - Analog Devices AD8392ACP-R2 Datasheet HTML 7Page - Analog Devices AD8392ACP-R2 Datasheet HTML 8Page - Analog Devices AD8392ACP-R2 Datasheet HTML 9Page - Analog Devices AD8392ACP-R2 Datasheet HTML 10Page - Analog Devices AD8392ACP-R2 Datasheet HTML 11Page - Analog Devices AD8392ACP-R2 Datasheet HTML 12Page - Analog Devices AD8392ACP-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8392
Rev. 0 | Page 9 of 16
–70
–60
–50
–40
–30
–20
–10
FREQUENCY (MHz)
0.1
–90
0
10
100
1
–80
ADSL CHANNEL 3, 4
ADSL CHANNEL 1, 2
Figure 22. Crosstalk vs. Frequency
ADSL/ADSL2+ Circuit (Figure 32)
VS = ±12 V, G = +11, RLOAD = 100 Ω, VIN = 200 mV p-p
–70
–60
–50
–40
–30
–20
–10
FREQUENCY (MHz)
0.1
–90
0
10
100
1
–80
CHANNEL 1
CHANNEL 4
CHANNEL 2
CHANNEL 3
Figure 23. Crosstalk vs. Frequency
Quad Op Amp Circuit (Figure 29)
VS = ±12 V, G = +5, RLOAD = 100 Ω, VIN = 200 mV p-p
1
10
100
0.01
0.1
1
10
100
1000
FREQUENCY (kHz)
Figure 24. Voltage Noise vs. Frequency
–70
–60
–50
–40
–30
–20
–10
FREQUENCY (MHz)
0.1
–90
0
10
100
1
–80
DIFF CHANNEL 3, 4
DIFF CHANNEL 1, 2
Figure 25. Crosstalk vs. Frequency
Dual Differential Driver Circuit (Figure 30)
VS = ±12 V, G = +5, RLOAD = 100 Ω, VIN = 200 mV p-p
10
15
20
25
30
35
40
45
90
10
20
30
40
50
60
70
80
100
RESISTIVE LOAD (
Ω)
VS = ±12V
VS = ±5V
Figure 26. Differential Output Swing vs. RLOAD
ADSL/ADSL2+ Circuit (Figure 32)
G = +11
1
100
10
1000
0.01
0.1
1
10
100
1000
FREQUENCY (kHz)
–INOISE
+INOISE
Figure 27. Current Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com