Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8392ACP-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8392ACP-R2
Description  Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8392ACP-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8392ACP-R2 Datasheet HTML 8Page - Analog Devices AD8392ACP-R2 Datasheet HTML 9Page - Analog Devices AD8392ACP-R2 Datasheet HTML 10Page - Analog Devices AD8392ACP-R2 Datasheet HTML 11Page - Analog Devices AD8392ACP-R2 Datasheet HTML 12Page - Analog Devices AD8392ACP-R2 Datasheet HTML 13Page - Analog Devices AD8392ACP-R2 Datasheet HTML 14Page - Analog Devices AD8392ACP-R2 Datasheet HTML 15Page - Analog Devices AD8392ACP-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD8392
Rev. 0 | Page 14 of 16
Additional definitions for calculating resistor values include:
VOA
Voltage at the amplifier outputs
k
Matching resistance reduction factor
AV
Gain from VIN to transformer primary
β
Negative feedback factor
α
Positive feedback factor
Note: R1 must be calculated before
β and α.
()
N
k
V
V
LINE
OA
+
=
1
L
m
R
R
k
2
=
IN
LINE
V
V
N
V
A =
R2
R1
R1
2
β
+
=
(
)
k
−
= 1
β
α
With the above known quantities and definitions, the remaining
resistors can readily be calculated.
P
OA
P
V
V
R
V
R1
−
=
2
2
()
IN
P
IN
IN
V
2
V
V
R
R4
−
=
(
)
()
R2
R1
R
R
R2
R
R1
R
R1
R
R1
R4
A
R3
L
L
L
L
m
V
2
α
2α
α
2
+
−
−
+
=
()
R4
R3
R4
R4
R3
RBIAS
+
−
=
α
α
After building the circuit with the closest 1% resistor values,
the actual gain, input resistance, and output resistance can be
verified with the following equations.
()
()
R3
R4
R
R4
R3
R4
k
N
GAIN
BIAS
LINE
to
VIN
−
⎟
⎠
⎞
⎜
⎝
⎛
+
+
+
=
1
1
β
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
−
=
L
L
m
V
IN
R
R4
R
R
A
R4
R
2
β
1
2
()
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
+
+
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
−
=
BIAS
BIAS
BIAS
BIAS
m
OUT
R
R4
R
R4
R3
R2
R1
R
R4
R1
R
R4
N
R
R
2
1
2
2
MULTITONE POWER RATIO
The DMT signal used in ADSL/ADSL2+ systems carries data in
discrete tones or bins, which appear in the frequency domain in
evenly spaced 4.3125 kHz intervals. In applications using this
type of waveform, multitone power ratio (MTPR) is a com-
monly used measure of linearity. Generally, there are two types
of MTPR that designers are typically concerned with: in-band
and out-of-band MTPR. In-band MTPR is defined as the
measured difference from the peak of one tone that is loaded
with data to the peak of an adjacent tone that is intentionally
left empty. Out-of-band MTPR is more loosely defined as the
spurious emissions that occur in the receive band located
between 25.875 kHz and the first downstream tone at 138 kHz.
Figure 38 and Figure 39 show the AD8392 in-band MTPR for a
5.5 crest factor waveform for empty bins in the ADSL and
extended ADSL2+ bandwidths. Figure 40 shows the AD8392
out-of-band MTPR for the same waveform.
CENTER 647kHz
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
SPAN 10kHz
1kHz/
72.2dB
Figure 38. In-Band MTPR at 647 kHz
CENTER 1.75MHz
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
SPAN 10kHz
1kHz/
64.4dB
Figure 39. In-Band MTPR at 1.751 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com