Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8392ACP-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8392ACP-R2
Description  Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8392ACP-R2 Datasheet(HTML) 3 Page - Analog Devices

  AD8392ACP-R2 Datasheet HTML 1Page - Analog Devices AD8392ACP-R2 Datasheet HTML 2Page - Analog Devices AD8392ACP-R2 Datasheet HTML 3Page - Analog Devices AD8392ACP-R2 Datasheet HTML 4Page - Analog Devices AD8392ACP-R2 Datasheet HTML 5Page - Analog Devices AD8392ACP-R2 Datasheet HTML 6Page - Analog Devices AD8392ACP-R2 Datasheet HTML 7Page - Analog Devices AD8392ACP-R2 Datasheet HTML 8Page - Analog Devices AD8392ACP-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8392
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VS = ±12 V or +24 V, RL = 100 Ω, G = +5, PD = (0, 0), T = 25°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
30
40
MHz
VOUT = 0.1 V p-p, RF = 2 kΩ
−3 dB Large Signal Bandwidth
20
25
MHz
VOUT = 4 V p-p, RF = 2 kΩ
Peaking
0.05
dB
VOUT = 0.1 V p-p, RF = 2 kΩ
Slew Rate
850
900
V/µs
VOUT = 20 V p-p, RF = 2 kΩ
NOISE/DISTORTION PERFORMANCE
Second Harmonic Distortion
−72
dBc
fC = 1 MHz, VOUT = 2 V p-p
Third Harmonic Distortion
−82
dBc
fC = 1 MHz, VOUT = 2 V p-p
Multitone Input Power Ratio
−70
dBc
26 kHz to 2.2 MHz, ZLINE = 100 Ω Differential Load
Voltage Noise (RTI)
4.3
nV/√Hz
f = 10 kHz
+Input Current Noise
10
pA/√Hz
f = 10 kHz
−Input Current Noise
13
pA/√Hz
f = 10 kHz
INPUT CHARACTERISTICS
RTI Offset Voltage
−5.0
±3.0
+5.0
mV
V+IN − V−IN
+Input Bias Current
5.0
10.0
µA
−Input Bias Current
10.0
15.0
µA
Input Resistance
400
kΩ
Input Capacitance
2.0
pF
Common-Mode Rejection Ratio
64
68
dB
(∆VOS, DM (RTI))/(∆VIN, CM)
OUTPUT CHARACTERISTICS
Differential Output Voltage Swing
42.0
44.0
46.0
V
∆VOUT
Single-Ended Output Voltage Swing
21.0
22.0
23.0
V
∆VOUT
Linear Output Current
400
mA
RL = 10 Ω, fC = 100 kHz
POWER SUPPLY
Operating Range (Dual Supply)
±5
±12
V
Operating Range (Single Supply)
10
24
V
Total Quiescent Current
PD1, PD0 = (0, 0)
6.0
7.0
mA/Amp
PD1, PD0 = (0, 1)
3.6
4.0
mA/Amp
PD1, PD0 = (1, 0)
2.8
3.3
mA/Amp
PD1, PD0 = (1, 1) (Shutdown State)
0.4
1.2
mA/Amp
PD = 0 Threshold
0.8
V
PD = 1 Threshold
1.8
V
+Power Supply Rejection Ratio
64
68
dB
∆VOS, DM (RTI)/∆VCC, ∆VCC = ±1 V
−Power Supply Rejection Ratio
76
79
dB
∆VOS, DM (RTI)/∆VEE, ∆VEE = ±1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com