Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8392ACP-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8392ACP-R2
Description  Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8392ACP-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8392ACP-R2 Datasheet HTML 3Page - Analog Devices AD8392ACP-R2 Datasheet HTML 4Page - Analog Devices AD8392ACP-R2 Datasheet HTML 5Page - Analog Devices AD8392ACP-R2 Datasheet HTML 6Page - Analog Devices AD8392ACP-R2 Datasheet HTML 7Page - Analog Devices AD8392ACP-R2 Datasheet HTML 8Page - Analog Devices AD8392ACP-R2 Datasheet HTML 9Page - Analog Devices AD8392ACP-R2 Datasheet HTML 10Page - Analog Devices AD8392ACP-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8392
Rev. 0 | Page 7 of 16
PD (0, 1)
PD (0, 0)
PD (1, 0)
–20
–15
–10
–5
5
10
15
0.1
1
10
100
1000
FREQUENCY (MHz)
0
Figure 10. Small Signal Frequency Response
Quad Op Amp Circuit (Figure 29)
VS = ±12 V, RLOAD = 100 Ω, G = +5, VOUT = 100 mV p-p
–20
–15
–10
–5
0
5
10
15
0.1
1
10
100
1000
FREQUENCY (MHz)
100
Ω
75
Ω
50
Ω
25
Ω
1
Ω
4.7
Ω
10
Ω
Figure 11. Small Signal Frequency Response vs. Load
Quad Op Amp Circuit (Figure 29)
VS = ±12 V, G = +5, VOUT = 100 mV p-p
PD (0, 1)
PD (0, 0)
–20
–15
–10
–5
5
10
15
0.1
1
10
100
1000
FREQUENCY (MHz)
0
PD (1, 0)
Figure 12. Large Signal Frequency Response
Quad Op Amp Circuit (Figure 29)
VS = ±12 V, RLOAD = 100 Ω, G = +5, VOUT = 4 V p-p
PD (0, 1)
PD (0, 0)
PD (1, 0)
–20
–15
–10
–5
5
10
15
0.1
1
10
100
1000
FREQUENCY (MHz)
0
Figure 13. Small Signal Frequency Response
Quad Op Amp Circuit (Figure 29)
VS = ±5 V, RLOAD = 100 Ω, G = +5, VOUT = 100 mV p-p
FREQUENCY (MHz)
0.1
1
1000
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
Figure 14. Signal Feedthrough vs. Frequency
Quad Op Amp Circuit (Figure 29)
VS = ±12 V, G = +5, VIN = 800 mV p-p, PD (1, 1)
PD (0, 1)
PD (0, 0)
–20
–15
–10
–5
5
10
15
0.1
1
10
100
1000
FREQUENCY (MHz)
0
PD (1, 0)
Figure 15. Large Signal Frequency Response
Quad Op Amp Circuit (Figure 29)
VS = ±5 V, RLOAD = 100 Ω, G = +5, VOUT = 4 V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com