Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8392ACP-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8392ACP-R2
Description  Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8392ACP-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8392ACP-R2 Datasheet HTML 7Page - Analog Devices AD8392ACP-R2 Datasheet HTML 8Page - Analog Devices AD8392ACP-R2 Datasheet HTML 9Page - Analog Devices AD8392ACP-R2 Datasheet HTML 10Page - Analog Devices AD8392ACP-R2 Datasheet HTML 11Page - Analog Devices AD8392ACP-R2 Datasheet HTML 12Page - Analog Devices AD8392ACP-R2 Datasheet HTML 13Page - Analog Devices AD8392ACP-R2 Datasheet HTML 14Page - Analog Devices AD8392ACP-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8392
Rev. 0 | Page 11 of 16
THEORY OF OPERATION
The AD8392 is a current feedback amplifier with high (400 mA)
output current capability. With a current feedback amplifier, the
current into the inverting input is the feedback signal, and the
open-loop behavior is that of a transimpedance, dVO/dIIN or TZ.
The open-loop transimpedance is analogous to the open-loop
voltage gain of a voltage feedback amplifier. Figure 33 shows a
simplified model of a current feedback amplifier. Since RIN is
proportional to 1/gm, the equivalent voltage gain is just TZ × gm,
where gm is the transconductance of the input stage. Basic
analysis of the follower with gain circuit yields
()
()
F
IN
Z
Z
IN
O
R
R
G
S
T
S
T
G
V
V
+
×
+
×
=
where:
G
F
R
R
G
+
= 1
Ω
50
1 ≈
=
m
IN
g
R
Since G × RIN << RF for low gains, a current feedback amplifier
has relatively constant bandwidth versus gain, the 3 dB point
being set when |TZ| = RF.
Of course, for a real amplifier there are additional poles that
contribute excess phase, and there is a value for RF below which
the amplifier is unstable. Tolerance for peaking and desired
flatness determines the optimum RF in each application.
RF
VOUT
RG
RN
VIN
RIN
IIN
TZ
Figure 33. Simplified Block Diagram
The AD8392 is capable of delivering 400 mA of output current
while swinging to within 2 V of either power supply rail. The
AD8392 also has a power management system included on-chip.
It features four user-programmable power levels (three active
power modes as well as the provision for complete shutdown).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com