Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8392ACP-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8392ACP-R2
Description  Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8392ACP-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8392ACP-R2 Datasheet HTML 6Page - Analog Devices AD8392ACP-R2 Datasheet HTML 7Page - Analog Devices AD8392ACP-R2 Datasheet HTML 8Page - Analog Devices AD8392ACP-R2 Datasheet HTML 9Page - Analog Devices AD8392ACP-R2 Datasheet HTML 10Page - Analog Devices AD8392ACP-R2 Datasheet HTML 11Page - Analog Devices AD8392ACP-R2 Datasheet HTML 12Page - Analog Devices AD8392ACP-R2 Datasheet HTML 13Page - Analog Devices AD8392ACP-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8392
Rev. 0 | Page 10 of 16
1G
0.0001
100M
10M
1M
100k
10k
1k
100
10
1
0.1
0.01
0.001
TRANSIMPEDANCE
PHASE
FREQUENCY (Hz)
100
1G
100M
10M
1M
100k
10k
1k
180
–80
160
140
120
100
80
60
40
20
0
–20
–40
–60
Figure 28. Open-Loop Transimpedance and Phase
100nF
49.9
Ω
2k
Ω
100
Ω
499
Ω
Figure 29. Quad Op Amp Circuit
100nF
49.9
Ω
100nF
49.9
Ω
1k
Ω
2k
Ω
2k
Ω
100
Ω
Figure 30. Dual Differential Driver Circuit
100
0.01
10
1
0.1
FREQUENCY (MHz)
0.01
1000
100
10
0.1
PD (1, 0)
PD (0, 1)
PD (0, 0)
1
Figure 31. Output Impedance vs. Frequency
Quad Op Amp Circuit (Figure 29)
VS = ±12 V, G = +5, PD (0, 0)
100nF
866
Ω
100nF
866
Ω
162
Ω
162
Ω
280k
Ω
280k
Ω
6.19
Ω
2k
Ω
100nF
226
Ω
2k
Ω
6.19
Ω
100
Ω
VCM
Figure 32. ADSL/ADSL2+ Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com