Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM3003 Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CM3003
Description  1.5 Amp Dual Mode Low Dropout CMOS Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3003 Datasheet(HTML) 4 Page - California Micro Devices Corp

  CM3003 Datasheet HTML 1Page - California Micro Devices Corp CM3003 Datasheet HTML 2Page - California Micro Devices Corp CM3003 Datasheet HTML 3Page - California Micro Devices Corp CM3003 Datasheet HTML 4Page - California Micro Devices Corp CM3003 Datasheet HTML 5Page - California Micro Devices Corp CM3003 Datasheet HTML 6Page - California Micro Devices Corp CM3003 Datasheet HTML 7Page - California Micro Devices Corp CM3003 Datasheet HTML 8Page - California Micro Devices Corp CM3003 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
4
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214 L Fax: 408.263.7846 L www.calmicro.com 01/15/04
CM3003
Enable Pin Input
Adjust Pin Input (output set by external resistors)
Note 1: Operating Characteristics are over Standard Operating Conditions unless otherwise specified.
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Regulator Output Voltage
CM3003-25
CM3003-18
0mA < ILOAD < 1.5A, VIN=3.3V, VADJ=0V
2.40
1.73
2.50
1.80
2.60
1.87
V
VREF
Internal Reference Voltage
1.15
1.20
1.25
V
ILIM
Overload Current Limit
VOUT > 1.2V
2.2
3.0
3.8
A
ISC
Short Circuit Current Limit
VOUT < 0.2V
0.5
1.2
1.8
A
VR LOAD
Load Regulation
VIN=3.3V, 100mA < ILOAD < 1.5A
5
mV
VR LINE
Line Regulation xx
ILOAD = 5mA; 3.0V < VIN < to 5.0V
20
mV
VDROPOUT
Dropout Voltage
ILOAD = 100mA
ILOAD = 1.0A
ILOAD = 1.5A
25
250
330
45
450
670
mV
mV
mV
IGND
Ground Current
Regulator Disabled (EN=GND); VIN=3.3V
Regulator Enabled (EN=VIN=3.3V); ILOAD= 0mA
Regulator Enabled (EN=VIN=3.3V); ILOAD= 1.5A
5
325
330
30
500
550
µA
µA
µA
IROUT
Output Reverse Leakage
VOUT=3.3V; VIN = 0V
30
100
µA
TDISABLE
THYST
Shutdown Temperature
Thermal Hysteresis
160
25
°C
°C
VEN_TH
EN Input Threshold
Voltage
Regulator Enabled
0.4
0.8
1.2
V
IEN
Enable Input Leakage
Current
0V < VEN < 5.5V
0.1
5
µA
VADJ_TH
ADJ Input Threshold
Voltage
0.1
0.2
0.3
V
IEN
ADJ Input Leakage
Current
VADJ > 1.1V
0.1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com