Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM3003 Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CM3003
Description  1.5 Amp Dual Mode Low Dropout CMOS Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3003 Datasheet(HTML) 6 Page - California Micro Devices Corp

Back Button CM3003 Datasheet HTML 2Page - California Micro Devices Corp CM3003 Datasheet HTML 3Page - California Micro Devices Corp CM3003 Datasheet HTML 4Page - California Micro Devices Corp CM3003 Datasheet HTML 5Page - California Micro Devices Corp CM3003 Datasheet HTML 6Page - California Micro Devices Corp CM3003 Datasheet HTML 7Page - California Micro Devices Corp CM3003 Datasheet HTML 8Page - California Micro Devices Corp CM3003 Datasheet HTML 9Page - California Micro Devices Corp CM3003 Datasheet HTML 10Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
6
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214 L Fax: 408.263.7846 L www.calmicro.com 01/15/04
CM3003
Performance Information
CM3003 Typical DC Characteristics (TA=25°C, EN=VIN=3.3V, CIN=COUT=10uF, unless specified otherwise)
CM3003-25 Device Specfic Data
Output Voltage (10mA Load) with Supply
0.0
1.0
2.0
3.0
4.0
0.0
1.0
2.0
3.0
4.0
5.0
SUPPLY VOLTAGE [V]
Output versus Adjust pin (2.5V)
0
1
2
3
4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
ADJUST PIN VOLTAGE [V]
VIN=EN=3.3V
Feedback open
Ground Current with Enable Voltage
0
50
100
150
200
250
300
350
400
0123
ENABLE VOLTAGE [V]
Ground Current with Supply (EN = VIN)
0
50
100
150
200
250
300
350
400
012
345
SUPPLY VOLTAGE [V]
Ground Current with Output Load
300
320
340
360
380
400
0.0
0.5
1.0
1.5
2.0
2.5
3.0
LOAD CURRENT [Amps]
Internal Reference Voltage with Supply
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SUPPLY VOLTAGE [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com