Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM3003 Datasheet(PDF) 10 Page - California Micro Devices Corp

Part # CM3003
Description  1.5 Amp Dual Mode Low Dropout CMOS Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3003 Datasheet(HTML) 10 Page - California Micro Devices Corp

Back Button CM3003 Datasheet HTML 3Page - California Micro Devices Corp CM3003 Datasheet HTML 4Page - California Micro Devices Corp CM3003 Datasheet HTML 5Page - California Micro Devices Corp CM3003 Datasheet HTML 6Page - California Micro Devices Corp CM3003 Datasheet HTML 7Page - California Micro Devices Corp CM3003 Datasheet HTML 8Page - California Micro Devices Corp CM3003 Datasheet HTML 9Page - California Micro Devices Corp CM3003 Datasheet HTML 10Page - California Micro Devices Corp CM3003 Datasheet HTML 11Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
10
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214 L Fax: 408.263.7846 L www.calmicro.com 01/15/04
CM3003
Performance Information (cont’d)
CM3003 Typical Thermal Characteristics
The overall junction to ambient thermal resistance
(
θ
JA) for device power dissipation (PD) consists prima-
rily of two paths in series. The first path is the junction
to the case (
θ
JC) which is defined by the package style,
and the second path is case to ambient (
θ
CA) thermal
resistance which is dependent on board layout. The
final operating junction temperature for any set of con-
ditions can be estimated by the following thermal equa-
tion:
TJUNC = TAMB + PD (
θ
JC) + PD (
θ
CA)
= TAMB + PD (θJA)
The CM3003 uses a thermally enhanced package
where all the GND pins (5 through 8) are integral to the
leadframe. When this package is mounted on a double
sided printed circuit board with two square inches of
copper allocated for "heat spreading", the resulting
θ
JA
is about 50°C/W.
Based on a typical operating power dissipation of 1.0W
(3.0V-2.5Vx 2.0A) with an ambient of 70°C, the result-
ing junction temperature will be:
TJUNC = TAMB + PD (
θ
JA)
= 70°C + 1.0W X (50°C/W)
= 70°C + 50°C = 120°C
Thermal characteristics were measured using a double
sided board with two square inches of copper area
connected to the GND pin for "heat spreading".
Measurements showing performance up to junction
temperature of 125°C were performed under light load
conditions (5mA). This allows the ambient temperature
to be representative of the internal junction tempera-
ture.
Note: The use of multi-layer board construction with
separate ground and power planes will further enhance
the overall thermal performance. In the event of no
copper area being dedicated for heat spreading, a
multi-layer board construction, using only the minimum
size pad layout, will provide the CM3003 with an overall
θ
JA of 70°C/W which allows up to 800mW to be safely
dissipated for the maximum junction temperature.
Internal Reference Voltage over Temperature
1.17
1.18
1.19
1.20
1.21
1.22
0
25
50
75
100
125
150
TEMPERATURE [
oC]
Output Voltage (2.5V) over Temperature
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
0
25
50
75
100
125
150
TEMPERATURE [
oC]
5mA Load
Ground Current over Temperature
300
310
320
330
340
350
0
25
50
75
100
125
150
TEMPERATURE [
oC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com