Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM3003 Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CM3003
Description  1.5 Amp Dual Mode Low Dropout CMOS Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3003 Datasheet(HTML) 5 Page - California Micro Devices Corp

  CM3003 Datasheet HTML 1Page - California Micro Devices Corp CM3003 Datasheet HTML 2Page - California Micro Devices Corp CM3003 Datasheet HTML 3Page - California Micro Devices Corp CM3003 Datasheet HTML 4Page - California Micro Devices Corp CM3003 Datasheet HTML 5Page - California Micro Devices Corp CM3003 Datasheet HTML 6Page - California Micro Devices Corp CM3003 Datasheet HTML 7Page - California Micro Devices Corp CM3003 Datasheet HTML 8Page - California Micro Devices Corp CM3003 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
01/15/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214 L Fax: 408.263.7846 L www.calmicro.com
5
CM3003
Application Information
Figure 1. Application Circuit for Adjustable Output Operation.
Output Voltage = 1.20 (R1+R2) / R2 [VOLTS]
IN
EN
OUT
GND
10
µF
100nF
VOUT
GND
CM3003-XX
ADJ
VIN
3.3V
10
µF
1.5A
R2
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com