Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM3003 Datasheet(PDF) 8 Page - California Micro Devices Corp

Part # CM3003
Description  1.5 Amp Dual Mode Low Dropout CMOS Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3003 Datasheet(HTML) 8 Page - California Micro Devices Corp

Back Button CM3003 Datasheet HTML 3Page - California Micro Devices Corp CM3003 Datasheet HTML 4Page - California Micro Devices Corp CM3003 Datasheet HTML 5Page - California Micro Devices Corp CM3003 Datasheet HTML 6Page - California Micro Devices Corp CM3003 Datasheet HTML 7Page - California Micro Devices Corp CM3003 Datasheet HTML 8Page - California Micro Devices Corp CM3003 Datasheet HTML 9Page - California Micro Devices Corp CM3003 Datasheet HTML 10Page - California Micro Devices Corp CM3003 Datasheet HTML 11Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
8
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214 L Fax: 408.263.7846 L www.calmicro.com 01/15/04
CM3003
Performance Information (cont’d)
CM3003 Transient Characteristics (TA=25°C, EN=VIN=3.3V, CIN=COUT=10uF, unless specified otherwise)
CM3003-25 Device Specific Data
Cold Start Power-Up/Down with 10mA Load
Cold Start Power-Up/Down with 1.5A Load
Enable Power-Up with 10mA Load
Enable Power-Up with 1.5A Load
Power Supply Rejection with 25mA Load
0
10
20
30
40
50
60
10
100
1000
10000
100000 1000000
FREQUENCY [Hz]
VOUT=2.5V
25mA Load
COUT=10uF
Power Supply Rejection with 1.5A Load
0
10
20
30
40
50
60
10
100
1000
10000
100000 1000000
FREQUENCY [Hz]
VOUT=2.5V
1.5A Load
COUT=10uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com