Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM3003 Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # CM3003
Description  1.5 Amp Dual Mode Low Dropout CMOS Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3003 Datasheet(HTML) 7 Page - California Micro Devices Corp

Back Button CM3003 Datasheet HTML 3Page - California Micro Devices Corp CM3003 Datasheet HTML 4Page - California Micro Devices Corp CM3003 Datasheet HTML 5Page - California Micro Devices Corp CM3003 Datasheet HTML 6Page - California Micro Devices Corp CM3003 Datasheet HTML 7Page - California Micro Devices Corp CM3003 Datasheet HTML 8Page - California Micro Devices Corp CM3003 Datasheet HTML 9Page - California Micro Devices Corp CM3003 Datasheet HTML 10Page - California Micro Devices Corp CM3003 Datasheet HTML 11Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
01/15/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214 L Fax: 408.263.7846 L www.calmicro.com
7
CM3003
Performance Information (cont’d)
CM3003 Typical DC Characteristics (TA=25°C, EN=VIN=3.3V, CIN=COUT=10uF, unless specified otherwise)
CM3003-25 Device Specfic Data
Line Regulation (2.5V, 10mA Load)
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SUPPLY VOLTAGE [V]
Load Regulation
2.47
2.48
2.49
2.50
2.51
2.52
2.53
0.0
0.5
1.0
1.5
2.0
2.5
LOAD CURRENT [Amps]
Dropout Voltage (0.5A) with Supply
0
50
100
150
200
250
300
2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0
SUPPLY VOLTAGE [V]
0.5A Load
Dropout Voltage with Load
0
50
100
150
200
250
300
350
400
0.0
0.5
1.0
1.5
2.0
LOAD CURRENT [Amps]
VIN=3.3V
(Adjust Mode)
Current limit protection
2.0
2.1
2.2
2.3
2.4
2.5
2.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
OUTPUT CURRENT [A]
Vdd = 3.3V
Current limit with input voltage
0.0
1.0
2.0
3.0
4.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE [V]
DROPOUT
ADJ = 0V
Vout=2.4V
Vout=0.1V
(Short Circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com