Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM3003 Datasheet(PDF) 11 Page - California Micro Devices Corp

Part # CM3003
Description  1.5 Amp Dual Mode Low Dropout CMOS Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3003 Datasheet(HTML) 11 Page - California Micro Devices Corp

Back Button CM3003 Datasheet HTML 3Page - California Micro Devices Corp CM3003 Datasheet HTML 4Page - California Micro Devices Corp CM3003 Datasheet HTML 5Page - California Micro Devices Corp CM3003 Datasheet HTML 6Page - California Micro Devices Corp CM3003 Datasheet HTML 7Page - California Micro Devices Corp CM3003 Datasheet HTML 8Page - California Micro Devices Corp CM3003 Datasheet HTML 9Page - California Micro Devices Corp CM3003 Datasheet HTML 10Page - California Micro Devices Corp CM3003 Datasheet HTML 11Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
01/15/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214 L Fax: 408.263.7846 L www.calmicro.com
11
CM3003
Mechanical Details
SOIC-8 Mechanical Specifications
Dimensions for CM3003 devices packaged in 8-pin
SOIC packages are presented below.
For complete information on the SOIC-8 package, see
the California Micro Devices SOIC Package Informa-
tion document.
* This is an approximate number which may vary.
Package Dimensions for SOIC-8
PACKAGE DIMENSIONS
Package
SOIC
Pins
8
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
E
3.80
4.19
0.150
0.165
e
1.27 BSC
0.050 BSC
H
5.80
6.20
0.228
0.244
L
0.40
1.27
0.016
0.050
# per tube
100 pieces*
# per tape
and reel
2500 pieces
Controlling dimension: inches
Mechanical Package Diagrams
E
D
H
TOP VIEW
L
END VIEW
C
e
B
A
A1
SEATING
PLANE
SIDE VIEW
12
34
87
6
5
Pin 1
Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com