Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2148 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2148
Description  1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2148 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2148 Datasheet HTML 12Page - Monolithic Power Systems MP2148 Datasheet HTML 13Page - Monolithic Power Systems MP2148 Datasheet HTML 14Page - Monolithic Power Systems MP2148 Datasheet HTML 15Page - Monolithic Power Systems MP2148 Datasheet HTML 16Page - Monolithic Power Systems MP2148 Datasheet HTML 17Page - Monolithic Power Systems MP2148 Datasheet HTML 18Page - Monolithic Power Systems MP2148 Datasheet HTML 19Page - Monolithic Power Systems MP2148 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MP2148 –1A SYNCHRONOUS STEP-DOWN CONVERTER WITH 11µA IQ IN ULTRA-SMALL 1X1.5mm QFN
MP2148 Rev. 1.11
www.MonolithicPower.com
16
5/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Power Good Indictor (only for MP2148GQD-
XX)
The MP2148 has an open drain and need a
external pull-up resistor (100kΩ~500kΩ) for the
power good indicator (Note: Keep PG pull up
voltage is lower than Vin). When VFB is within -
10% of regulation voltage, VPG is pulled up to
Vo/Vin by the external resistor. If VFB exceeds
the -10% window, the internal MOSFET pulls
the PG to ground. The MOSFET has a
maximum RDSON of less than 400Ω.
Current limit
The MP2148 typically has a 2.4A high-side
switch current limit. When the high side switch
hits its current limit, the MP2148 will remain in
hiccup mode until the current drops. This
prevents the inductor current from continuing to
rise and damage components.
Short Circuit and Recovery
The MP2148 will also enter short-circuit
protection mode when it hits the current limit,
and tries to recover with hiccup mode: The
MP2148 will disable the output power stage,
discharge the soft-start capacitor and then
automatically try soft-start again. If the short
circuit condition remains after soft-start ends,
the MP2148 repeats this cycle until the short
circuit disappears and output rises back to
regulation level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com