Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2148 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2148
Description  1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2148 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2148 Datasheet HTML 8Page - Monolithic Power Systems MP2148 Datasheet HTML 9Page - Monolithic Power Systems MP2148 Datasheet HTML 10Page - Monolithic Power Systems MP2148 Datasheet HTML 11Page - Monolithic Power Systems MP2148 Datasheet HTML 12Page - Monolithic Power Systems MP2148 Datasheet HTML 13Page - Monolithic Power Systems MP2148 Datasheet HTML 14Page - Monolithic Power Systems MP2148 Datasheet HTML 15Page - Monolithic Power Systems MP2148 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP2148 –1A SYNCHRONOUS STEP-DOWN CONVERTER WITH 11µA IQ IN ULTRA-SMALL 1X1.5mm QFN
MP2148 Rev. 1.11
www.MonolithicPower.com
12
5/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin
#
Name Description
1
FB/PG
MP2148GQD: Feedback Pin. An external resistor divider from the output to GND, tapped to the
FB pin, sets the output voltage.
MP2148GQD-XX: Power Good Indicator. The output of this pin is an open drain output. Keep PG
pulls up voltage is lower than Vin.
2
GND
Power Ground.
3
VIN
Supply Voltage. The MP2148 operates from a +2.3V to +5.5V unregulated input. Decouple
capacitor is needed to prevent large voltage spikes from appearing at the input.
4
SW
Output Switching Node. SW is the drain of the internal high-side P-Channel MOSFET. Connect
the inductor to SW to complete the converter.
5
EN
On/Off Control.
6
OUT
Output Voltage Power Rail and Input Sense Pin for Output Voltage. Connect load to this pin.
Output capacitor is needed to decrease the output voltage ripple.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com