Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2148 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2148
Description  1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2148 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2148 Datasheet HTML 2Page - Monolithic Power Systems MP2148 Datasheet HTML 3Page - Monolithic Power Systems MP2148 Datasheet HTML 4Page - Monolithic Power Systems MP2148 Datasheet HTML 5Page - Monolithic Power Systems MP2148 Datasheet HTML 6Page - Monolithic Power Systems MP2148 Datasheet HTML 7Page - Monolithic Power Systems MP2148 Datasheet HTML 8Page - Monolithic Power Systems MP2148 Datasheet HTML 9Page - Monolithic Power Systems MP2148 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MP2148 –1A SYNCHRONOUS STEP-DOWN CONVERTER WITH 11µA IQ IN ULTRA-SMALL 1X1.5mm QFN
MP2148 Rev. 1.11
www.MonolithicPower.com
6
5/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 3.6V, TJ = -40°C to +125°C, Typical value is tested at TJ = +25°C. The limit over temperature
is guaranteed by characterization, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Switching Frequency
fs
VIN=5V, VOUT=1.2V,
IOUT=500mA, TJ=25°C
(5)
1760
2200
2640
kHz
VIN=5V, VOUT=1.2V,
IOUT=500mA ,TJ=-40°C to
+125°C
(5)
1650
2200
2750
kHz
Minimum Off Time
TMIN-OFF
60
ns
Minimum On Time
(5)
TMIN-ON
60
ns
Soft-Start Time
TSS-ON
VOUT rise from 10% to 90%
0.5
ms
Under Voltage Lockout
Threshold Rising
2
2.25
V
Under Voltage Lockout
Threshold Hysteresis
150
mV
EN Input Logic Low Voltage
0.4
V
EN Input Logic High Voltage
1.2
V
Output Discharge Resistor
RDIS
VEN=0V, VOUT=1.2V
1
kΩ
EN Input Current
VEN=2V
1.2
μA
VEN=0V
0
μA
Supply Current (Shutdown)
VEN=0V, TJ=25°C
0
1
μA
Supply Current (Quiescent)
VEN=2V, VFB=0.63V,
VIN=3.6V,5V, TJ=25°C
11
13
μA
Power Good Leakage
Current
(MP2148GQD-XX only)
IPG
50
100
nA
Power Good Upper Trip
Threshold
(MP2148GQD-XX only)
Vo with Respect to the
Regulation
90
%
Power Good Lower Trip
Threshold
(MP2148GQD-XX only)
85
%
Power Good Delay
(MP2148GQD-XX only)
70
μs
Power Good Sink Current
Capability
(MP2148GQD-XX only)
Sink 1mA
400
mV
Thermal Shutdown
(6)
160
°C
Thermal Hysteresis
(6)
30
°C
Notes:
5) Guaranteed by characterization.
6) Guaranteed by design.
7) Without Sleep Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com