Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2148 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP2148
Description  1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2148 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP2148 Datasheet HTML 12Page - Monolithic Power Systems MP2148 Datasheet HTML 13Page - Monolithic Power Systems MP2148 Datasheet HTML 14Page - Monolithic Power Systems MP2148 Datasheet HTML 15Page - Monolithic Power Systems MP2148 Datasheet HTML 16Page - Monolithic Power Systems MP2148 Datasheet HTML 17Page - Monolithic Power Systems MP2148 Datasheet HTML 18Page - Monolithic Power Systems MP2148 Datasheet HTML 19Page - Monolithic Power Systems MP2148 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MP2148 –1A SYNCHRONOUS STEP-DOWN CONVERTER WITH 11µA IQ IN ULTRA-SMALL 1X1.5mm QFN
MP2148 Rev. 1.11
www.MonolithicPower.com
18
5/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum
or ceramic. When using electrolytic or tantalum
capacitors, add a small and high quality
ceramic 0.1μF capacitor as close to the IC as
possible. When using ceramic capacitors, make
sure that they have enough capacitance to
provide sufficient charge to prevent excessive
voltage ripple at the input. The input voltage
ripple caused by capacitance can be estimated
as:
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V
⎛⎞
Δ=
×
× −
⎜⎟
×
⎝⎠
Selecting the Output Capacitor
The output capacitor (C2) stabilizes the DC
output
voltage.
Ceramic
capacitors
are
recommended.
Low
ESR
capacitors
are
preferred to limit the output voltage ripple.
Estimate the output voltage ripple as:
OUT
OUT
OUT
ESR
S1
IN
S
VV
1
V1
R
fL
V
8 f
C2
⎛⎞
⎛⎞
Δ=
× −
×
+
⎜⎟
⎜⎟
×× ×
⎝⎠ ⎝
⎠
Where L1 is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
When
using
ceramic
capacitors,
the
capacitance dominates the impedance at the
switching frequency, and causes most of the
output voltage ripple. For simplification, the
output voltage ripple can be estimated as:
OUT
OUT
OUT
2
S1
IN
VV
ΔV1
8f
L
C2
V
⎛⎞
=× −
⎜⎟
×× ×
⎝⎠
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated as:
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV1
R
fL
V
⎛⎞
=×
−
×
⎜⎟
×
⎝⎠
The characteristics of the output capacitor also
affect the stability of the regulation system.
PCB Layout
Proper layout of the switching power supplies is
very important, and sometimes critical for
proper
function.
For
the
high-frequency
switching converter, poor layout design can
result in poor line or load regulation and stability
issues.
Place the high-current paths (GND, IN and SW)
very close to the device with short, direct and
wide traces. The input capacitor needs to be as
close as possible to the IN and GND pins.
Place the external feedback resistors next to
the FB pin. Keep the switching node SW short
and away from the feedback network. Vout
sense line need as short as possible or keeps
away from power inductor, especial forbids
surrounding inductor. Figure11 is advised PCB
layout.
Figure 11: Two Ends of Input Decoupling
Capacitor Close to Pin 2 and Pin3.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com