Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2148 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2148
Description  1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2148 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2148 Datasheet HTML 1Page - Monolithic Power Systems MP2148 Datasheet HTML 2Page - Monolithic Power Systems MP2148 Datasheet HTML 3Page - Monolithic Power Systems MP2148 Datasheet HTML 4Page - Monolithic Power Systems MP2148 Datasheet HTML 5Page - Monolithic Power Systems MP2148 Datasheet HTML 6Page - Monolithic Power Systems MP2148 Datasheet HTML 7Page - Monolithic Power Systems MP2148 Datasheet HTML 8Page - Monolithic Power Systems MP2148 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MP2148 –1A SYNCHRONOUS STEP-DOWN CONVERTER WITH 11µA IQ IN ULTRA-SMALL 1X1.5mm QFN
MP2148 Rev. 1.11
www.MonolithicPower.com
5
5/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 3.6V, TJ = -40°C to +125°C, Typical value is tested at TJ = +25°C. The limit over temperature
is guaranteed by characterization, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Feedback Voltage
(MP2148GQD Only)
VFB
2.3V ≤ VIN ≤ 5.5V, TJ=25°C
594
600
606
mV
TJ=-40°C to +125°C
588
612
Fixed Output Voltage
(7)
Only for MP2148GQD-
12, IOUT=10mA,
TJ=+25°C
1.188
1.2
1.212
V
Only for MP2148GQD-
12, IOUT=10mA,
TJ=-40°C to +125°C
1.176
1.2
1.224
V
Only for MP2148GQD-
15, IOUT=10mA,
TJ=+25°C
1.485
1.5
1.515
V
Only for MP2148GQD-
15, IOUT=10mA,
TJ=-40°C to +125°C
1.470
1.5
1.530
V
Only for MP2148GQD-
18, IOUT=10mA,
TJ=+25°C
1.782
1.8
1.818
V
Only for MP2148GQD-
18, IOUT=10mA,
TJ=-40°C to +125°C
1.764
1.8
1.836
V
Only for MP2148GQD-
25, IOUT=10mA,
TJ=+25°C
2.475
2.5
2.525
V
Only for MP2148GQD-
25, IOUT=10mA,
TJ=-40°C to +125°C
2.450
2.5
2.550
V
Only for MP2148GQD-
33, IOUT=10mA,
TJ=+25°C
3.267
3.3
3.333
V
Only for MP2148GQD-
33, IOUT=10mA,
TJ=-40°C to +125°C
3.234
3.3
3.366
V
Feedback Current
(MP2148GQD only)
IFB
VFB = 0.63V
50
100
nA
PFET Switch On Resistance
RDSON P
120
mΩ
NFET Switch On Resistance
RDSON N
80
mΩ
Switch Leakage Current
VEN = 0V, TJ=25°C
0
1
μA
PFET Peak Current Limit
Sourcing
1.8
2.4
A
NFET Valley Current Limit
Sourcing, valley current
limit
1.5
A
ZCD
0
mA
On Time
(MP2148GQD only)
TON
VIN=5V, VOUT=1.2V
110
ns
VIN=3.6V, VOUT=1.2V
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com