Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2148 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2148
Description  1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2148 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2148 Datasheet HTML 12Page - Monolithic Power Systems MP2148 Datasheet HTML 13Page - Monolithic Power Systems MP2148 Datasheet HTML 14Page - Monolithic Power Systems MP2148 Datasheet HTML 15Page - Monolithic Power Systems MP2148 Datasheet HTML 16Page - Monolithic Power Systems MP2148 Datasheet HTML 17Page - Monolithic Power Systems MP2148 Datasheet HTML 18Page - Monolithic Power Systems MP2148 Datasheet HTML 19Page - Monolithic Power Systems MP2148 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
MP2148 –1A SYNCHRONOUS STEP-DOWN CONVERTER WITH 11µA IQ IN ULTRA-SMALL 1X1.5mm QFN
MP2148 Rev. 1.11
www.MonolithicPower.com
17
5/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage(Only for
MP2148GQD)
The external resistor divider sets the output
voltage (see the Typical Application on
Figure13). Select the feedback resistor R1 that
consider
reducing
VOUT leakage
current,
typically between 100kΩ to 200kΩ. There is not
strict requirement on feedback resistor. Select
R1>10kΩ is reasoned for application.
out
R1
R2
V
1
0.6
=
−
Figure 10 shows the feedback circuit.
Figure 10: Feedback Network
Table 1 lists the recommended resistors value
for common output voltages.
Table 1: Resistor Values for Common Output
Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.0
200(1%)
300(1%)
1.2
200(1%)
200(1%)
1.8
200(1%)
100(1%)
2.5
200(1%)
63.2(1%)
3.3
200(1%)
44.2(1%)
Selecting the Inductor
Most applications work best with a 0.47µH to
1.5µH inductor. Select an inductor with a DC
resistance
less
than
15mΩ
to
optimize
efficiency.
High frequency switch mode power supply with
magnetic device has strong electronic magnetic
inference for system. Any un-shield power
inductor should be avoided applying as poor
magnetic shielding. Shield inductor, such as
metal alloy or multiplayer chip power are best
candidates for application, can decrease the
influence effectively. Table2 is some suggested
inductors.
Table 2: Suggested Inductor List
Manufacturer P/N
Inductance( μH )
Manufacturer
PIFE25201B-1R0MS
1.0
CYNTEC CO.
LTD.
1239AS-H-1R0M
1.0
Tokyo
74438322010
1.0
Wurth
For most designs, estimate the inductance
value from the following equation.
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f
×−
=
×Δ ×
Where ΔIL is the inductor ripple current.
Choose an inductor current to be approximately
30% of the maximum load current. The
maximum inductor peak current is:
L
L(MAX )
LOAD
I
II
2
Δ
=+
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous,
and
therefore
requires
a
capacitor to supply the AC current to the step-
down converter while maintaining the DC input
voltage. Use low ESR capacitors for the best
performance. Ceramic capacitors with X5R or
X7R dielectrics are highly recommended
because
of
their
low
ESR
and
small
temperature coefficients. For most applications,
a 10µF capacitor is sufficient. Higher output
voltages may require a 22μF capacitor to
increase system stability.
The input capacitor requires an adequate ripple
current rating because it absorbs the input
switching current. Estimate the RMS current in
the input capacitor with:
OUT
OUT
C1
LOAD
IN
IN
VV
II
1
VV
⎛⎞
⎜⎟
×⎜⎟
⎜⎟
⎝⎠
=×
−
The worst case occurs at VIN = 2VOUT, where:
LOAD
C1
I
I
2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com