Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2148 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2148
Description  1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2148 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2148 Datasheet HTML 1Page - Monolithic Power Systems MP2148 Datasheet HTML 2Page - Monolithic Power Systems MP2148 Datasheet HTML 3Page - Monolithic Power Systems MP2148 Datasheet HTML 4Page - Monolithic Power Systems MP2148 Datasheet HTML 5Page - Monolithic Power Systems MP2148 Datasheet HTML 6Page - Monolithic Power Systems MP2148 Datasheet HTML 7Page - Monolithic Power Systems MP2148 Datasheet HTML 8Page - Monolithic Power Systems MP2148 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP2148
1A Synchronous Step-down Converter
with 11µA Iq in Ultra-small 1x1.5mm QFN
MP2148 Rev. 1.11
www.MonolithicPower.com
1
5/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2148 is a monolithic, step-down, switch-
mode converter with built-in internal power
MOSFETs. It achieves 1A continuous output
current from a 2.3V-to-5.5V input voltage with
excellent load and line regulation. The output
voltage can be regulated to as low as 0.6V.
The
Constant-On-Time
control
scheme
provides fast transient response and eases loop
stabilization. Fault protections include cycle-by-
cycle current limiting and thermal shutdown.
The MP2148 is available in an ultra-small QFN-
6 (1.0mmx1.5mm) package and requires a
minimal number of readily available standard
external components.
The MP2148 is ideal for a wide range of
applications including high performance DSPs,
wireless power, portable and mobile devices,
and other low-power systems.
FEATURES
• Low IQ: 11μA
• 2.2MHz Switching Frequency
• EN for Power Sequencing
• Power Good Only for Fixed Output Version
• Wide 2.3V-to-5.5V Operating Input Range
• Output Adjustable from 0.6V
• Up to 1A Output Current
• 120mΩ and 80mΩ Internal Power MOSFET
Switches
• Output Discharge
• 100% Duty Cycle
• Short-Circuit Protection with Hiccup Mode
• Stable with Low ESR Output Ceramic
Capacitors
• Available in a QFN-6 (1.0mmx1.5mm)
Package
APPLICATIONS
• Wireless/Networking Cards
• Portable and Mobile Devices
• Battery Powered /Wearable Devices
• Low Voltage I/O System Power
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2148
GND
FB
VIN
C1
10μF
EN
VIN
5V
VOUT
1.2V/1A
SW
C2
10μF
R1
200kΩ
R2
200kΩ
EN
OUT
L1
1μH


Similar Part No. - MP2148

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2148GQD MPS-MP2148GQD Datasheet
395Kb / 8P
1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
More results

Similar Description - MP2148

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2158 MPS-MP2158 Datasheet
445Kb / 13P
1A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In Ultra-small 2x1.5mm QFN
MP1601 MPS-MP1601 Datasheet
694Kb / 20P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1605 MPS-MP1605 Datasheet
1Mb / 18P
2A, Synchronous, Step-Down Converter with Low 11uA Quiescent Current
MP2141N MPS-MP2141N Datasheet
1Mb / 19P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP2158A MPS-MP2158A Datasheet
469Kb / 14P
1A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in Ultra-Small 2x1.5mm QFN-8
MP21600 MPS-MP21600 Datasheet
1Mb / 17P
0.6A, Synchronous, Step-Down Converter with 11關A IQ in Ultra-Small 1x1.5mm QFN
MP2388 MPS-MP2388 Datasheet
1Mb / 18P
1A, 21V, 2MHz, High-Efficiency, Synchronous, Step-Down Converter in Ultra-Thin QFN Package
EV2141N-TF-00A MPS-EV2141N-TF-00A Datasheet
357Kb / 8P
1A Synchronous Step-down Converter with 11uA Iq in a Tiny SOT
EV2148-QD-00B MPS-EV2148-QD-00B Datasheet
395Kb / 8P
1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
EV21148-QD-00B MPS-EV21148-QD-00B Datasheet
273Kb / 7P
1A Synchronous Step-down Converter in Ultra-small 1x1.5mm QFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com