Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2326GD Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP2326GD
Description  19V, 4A, 40關A IQ, High-Efficiency Constant-On-Time (COT) Step-Down Converter in a 2mmx3mm QFN Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2326GD Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP2326GD Datasheet HTML 11Page - Monolithic Power Systems MP2326GD Datasheet HTML 12Page - Monolithic Power Systems MP2326GD Datasheet HTML 13Page - Monolithic Power Systems MP2326GD Datasheet HTML 14Page - Monolithic Power Systems MP2326GD Datasheet HTML 15Page - Monolithic Power Systems MP2326GD Datasheet HTML 16Page - Monolithic Power Systems MP2326GD Datasheet HTML 17Page - Monolithic Power Systems MP2326GD Datasheet HTML 18Page - Monolithic Power Systems MP2326GD Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
MP2326 – 19V, 4A, LOW IQ STEP-DOWN CONVERTER
MP2326 Rev. 1.1
www.MonolithicPower.com
15
1/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Cr value may need to change with a different
input voltage, output voltage, output inductor,
output capacitor, and frequency set. If the design
spec. is not the same as the specs. in Table 1,
the Cr value must be adjusted accordingly. Use
equation 9 as a design guide.
In skip mode, the stability is determined mainly
by the ripple of VEAO. A reasonable Vramp chosen
in PWM operation is generally acceptable for skip
mode.
Soft-Start (SS)
MP2326 employs a soft-start (SS) mechanism to
ensure smooth output ramping during power-up.
When EN goes high, an internal current source
(8μA) charges up the SS capacitor. The SS
capacitor voltage transfers over to the REF
voltage to the PWM comparator. The output
voltage smoothly ramps up with the SS voltage.
Once SS voltage rises above VREF, it continues to
ramp up until the REF voltage takes over. At this
point, the soft-start is complete and the device
enters steady-state operation.
The SS capacitor value can be determined as
follows:
ss
ss
ss
REF
T(ms) I (uA)
C(nF)
V(V)
(10)
If the output capacitance has a large value,
setting too short of a SS time is not
recommended. Otherwise, it’s easy to hit the
current limit during SS. A minimum value of
4.7nF is recommended if the output capacitance
is larger than 330μF.
Pre-Bias Start-Up
The MP2326 has been designed for a monotonic
start-up into pre-biased loads. If the output is pre-
biased to a certain voltage during start-up, the
BST voltage is refreshed and charged; the
voltage on the soft-start capacitor is charged as
well. If the BST voltage exceeds its rising
threshold voltage and the soft-start capacitor
voltage exceeds the sensed output voltage at the
FB, the part starts to operate.
Power Good (PG)
PG is an open-drain output. PG requires a pull-
up resistor (eg. 100k). PG is pulled to GND
before SS is ready. After FB voltage reaches
90% of VREF, PG is pulled high after a 40μs delay.
When the FB voltage drops below 85% of VREF,
PG is pulled low.
Over-Current Protection (OCP) and Short-
Circuit Protection (SCP)
MP2326 has cycle-by-cycle over-current limit
control. During the HS-FET on state, the inductor
current is monitored. When the sensed inductor
current hits the peak current limit, the HS limit
comparator (see Fig. 1) is triggered, the device
enters over-current protection mode immediately,
and then turns off the HS-FET and turns on the
LS-FET. Meanwhile, the output voltage drops
until VFB is below the under-voltage (UV)
threshold (50% below the reference, typically).
Once UV is triggered, the MP2326 enters hiccup
mode to re-start the part periodically.
During over-current protection, the device tries to
recover from the over-current fault with hiccup
mode. The chip disables the output power stage,
discharges
the
soft-start
cap,
and
then
automatically tries to soft-start again. If the over-
current condition still holds after the soft-start
ends, the device repeats this operation cycle until
the over-current condition disappears. Then the
output rises back to regulation level. The OCP is
non-latch protection.
Enable Control (EN)
EN is a digital control pin that turns the regulator
on and off. Drive EN high to turn on the regulator;
drive EN low to turn off the regulator. An internal
1MΩ resistor from EN to GND allows EN to be
floated to shut down the chip.
EN is clamped internally using a 6.5V series-
Zener-diode. Connect the EN input through a
pull-up resistor to the voltage on VIN. The pull-up
resistance needs to be large enough to limit the
EN current to less than100µA. For example, with
12V connected to VIN, RPULLUP ≥ (12V – 6.5V) ÷
100µA = 55kΩ.
Connecting EN to a voltage source directly
without a pull-up resistor requires limiting the
amplitude of the voltage to less than 6V to
prevent damage to the Zener diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com