Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2326GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2326GD
Description  19V, 4A, 40關A IQ, High-Efficiency Constant-On-Time (COT) Step-Down Converter in a 2mmx3mm QFN Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2326GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2326GD Datasheet HTML 1Page - Monolithic Power Systems MP2326GD Datasheet HTML 2Page - Monolithic Power Systems MP2326GD Datasheet HTML 3Page - Monolithic Power Systems MP2326GD Datasheet HTML 4Page - Monolithic Power Systems MP2326GD Datasheet HTML 5Page - Monolithic Power Systems MP2326GD Datasheet HTML 6Page - Monolithic Power Systems MP2326GD Datasheet HTML 7Page - Monolithic Power Systems MP2326GD Datasheet HTML 8Page - Monolithic Power Systems MP2326GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
MP2326
19V, 4A, 40µA IQ, High-Efficiency
Constant-On-Time (COT) Step-Down
Converter in a 2mmx3mm QFN Package
MP2326 Rev. 1.1
www.MonolithicPower.com
1
1/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2326 is a fully integrated, high-efficiency,
synchronous, step-down, switch-mode converter
with only a 40μA quiescent current. This very
compact device achieves a 4A continuous output
current over a wide input-supply range with
excellent load and line regulation, and it operates
with high efficiency over a wide output current
load range. It’s optimized for battery-operated
applications and applications requiring high light-
load efficiency.
With
constant-on-time
(COT)
control,
the
MP2326 provides very fast transient response,
easy loop design, and very tight output regulation.
Full protection features include SCP, OCP, UVP,
and thermal shutdown.
The MP2326 requires a minimal number of
readily available, standard, external components
with a space saving 2mmx3mm 14-pin QFN
package.
FEATURES
 3.9V to 19V Operating Input Range
 4A Output Current
 40μA Quiescent Current
 Output Adjustable from 0.6V
 90mΩ/30mΩ High Side/Low Side RDS(ON) for
Internal Power MOSFETs
 Power Good Indicator
 Programmable Soft-Start Time
 Forced PWM or Auto PFM/PWM Mode
Selectable
 Programmable Switching Frequency
 Thermal Shutdown
 Short-Circuit Protection: Hiccup Mode
 Available
in
a
QFN-14
(2mmx3mm)
Package
APPLICATIONS
 Tablet PCs
 Solid State Drives
 Gaming
 Battery-Operated Applications
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP2326GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2321 MPS-MP2321 Datasheet
4Mb / 24P
19V, 2A, 40uA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
MP2321 MPS-MP2321 Datasheet
1Mb / 24P
19V, 2A, 40μA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
5/24/2019 Rev. 1.1
MP2321GD MPS-MP2321GD Datasheet
4Mb / 24P
19V, 2A, 40uA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
MP2321GD MPS-MP2321GD Datasheet
1Mb / 24P
19V, 2A, 40μA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
5/24/2019 Rev. 1.1
MP2321GD-P MPS-MP2321GD-P Datasheet
1Mb / 24P
19V, 2A, 40μA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
5/24/2019 Rev. 1.1
More results

Similar Description - MP2326GD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62590DRVR TI-TPS62590DRVR Datasheet
583Kb / 24P
1-A Step Down Converter in 2 x 2 QFN Package
TPS62590DRVR TI1-TPS62590DRVR Datasheet
583Kb / 24P
1-A Step Down Converter in 2 x 2 QFN Package
TPS62097-Q1 TI1-TPS62097-Q1 Datasheet
318Kb / 20P
2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS62097-Q1 TI1-TPS62097-Q1_18 Datasheet
1Mb / 28P
2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
logo
Monolithic Power System...
MP2147 MPS-MP2147 Datasheet
712Kb / 19P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
MP21600 MPS-MP21600 Datasheet
1Mb / 17P
0.6A, Synchronous, Step-Down Converter with 11關A IQ in Ultra-Small 1x1.5mm QFN
MP2316 MPS-MP2316 Datasheet
1Mb / 25P
19V, 3A, 40uA IQ, High-Efficiency Constant On-Time (COT) Step-Down Converter in 2x3mm QFN Package
MP2321 MPS-MP2321 Datasheet
4Mb / 24P
19V, 2A, 40uA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
EV2147-D-00A MPS-EV2147-D-00A Datasheet
496Kb / 8P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
EV2316-D-00A MPS-EV2316-D-00A Datasheet
883Kb / 9P
3A, 19V, Constant-On-Time Step-Down Switcher Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com