Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2326GD Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2326GD
Description  19V, 4A, 40關A IQ, High-Efficiency Constant-On-Time (COT) Step-Down Converter in a 2mmx3mm QFN Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2326GD Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2326GD Datasheet HTML 9Page - Monolithic Power Systems MP2326GD Datasheet HTML 10Page - Monolithic Power Systems MP2326GD Datasheet HTML 11Page - Monolithic Power Systems MP2326GD Datasheet HTML 12Page - Monolithic Power Systems MP2326GD Datasheet HTML 13Page - Monolithic Power Systems MP2326GD Datasheet HTML 14Page - Monolithic Power Systems MP2326GD Datasheet HTML 15Page - Monolithic Power Systems MP2326GD Datasheet HTML 16Page - Monolithic Power Systems MP2326GD Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
MP2326 – 19V, 4A, LOW IQ STEP-DOWN CONVERTER
MP2326 Rev. 1.1
www.MonolithicPower.com
13
1/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Because of the minimum on time and minimum
off time, the switching frequency is limited. The
maximum frequency can be calculated by the
following equations. Choose the lowest value
between the two as the maximum frequency:
6
SW-max
IN
on-min
OUT
10
F(KHz)
V(V)
T(ns)
V(V)
(4)
6
IN
OUT
SW-max
off-min
IN
(V (V)-V (V)) 10
F(KHz)
T(ns) V (V)
(5)
Where the Ton-min typical value is 90ns and the
Toff-min typical value is 150ns. For example, if
VIN=12V and VOUT=1.2V, the maximum frequency
that can be set is about 1.1MHz. The MP2326 is
optimized to operate at a high switching
frequency with high efficiency. A high switching
frequency makes it possible to use small-sized
LC filter components to save system PCB space.
Whenever V
RAMP drops
below V
EAO, the HS-FET
is turned ON
V
IN
T
ON is constant
V
RAMP
V
EAO
I
OUT
V
SW
HS-FET
Driver
LS-FET
Driver
I
L
FIGURE 4. Forced PWM Operation
When the MP2326 works in forced PWM, the
MP2326 enters CCM where the HS-FET and LS-
FET repeat the on/off operation (even if the
inductor current goes to zero or negative value).
The switching frequency (FSW) is fairly constant.
Fig. 4 shows the timing diagram during forced
PWM operation.
Light-Load Operation
In auto PFM/PWM mode (during light-load
operation), the MP2326 reduces automatically
the switching frequency to maintain high
efficiency, and the inductor current drops near
zero. When the inductor current reaches zero,
the LS-FET driver goes into tri-state (high Z).
This causes the output capacitors to discharge
slowly to GND through the LS-FET, R1, and R2.
This operation greatly improves device efficiency
when the output current is low (see Fig. 5).
FIGURE 5. Light-Load Operation
Light-load operation is also called skip mode
because the HS-FET does not turn on as
frequently
as
it
does
during
heavy-load
conditions. The frequency at which the HS-FET
turns on is a function of the output current. As the
output current increases, the time period in which
the current modulator regulates becomes shorter,
causing the HS-FET to turn on more frequently.
In turn, the switching frequency increases. The
output current reaches the critical level when the
current modulator time is zero. The output
current can be determined using the following
equation:
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2L F
V

 
(6)
The device reverts to PWM mode once the
output current exceeds the critical level. Once in
PWM mode, the switching frequency stays fairly
constant over the output-current range.
Application when Input Voltage is Close to
Output Voltage
MP2326 extends the on time when the output
voltage looses regulation (when the input voltage
is close to the output voltage). The switching
frequency drops correspondingly in order to
achieve a larger duty cycle to keep the output
regulated. If VIN is very close to VOUT, the TON
extension circuit forces MP2326 into PWM mode
with
a
higher
than
expected
frequency.
Increasing VIN to a certain level causes the part
to exit PWM mode (see Fig. 6). The MP2326
works at auto PFM/PWM mode when VIN is
above the curve. If auto PFM/PWM mode is
required at the input voltage below the curve, use
Enable start-up instead of the input voltage start-
up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com