Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2326GD Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2326GD
Description  19V, 4A, 40關A IQ, High-Efficiency Constant-On-Time (COT) Step-Down Converter in a 2mmx3mm QFN Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2326GD Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2326GD Datasheet HTML 13Page - Monolithic Power Systems MP2326GD Datasheet HTML 14Page - Monolithic Power Systems MP2326GD Datasheet HTML 15Page - Monolithic Power Systems MP2326GD Datasheet HTML 16Page - Monolithic Power Systems MP2326GD Datasheet HTML 17Page - Monolithic Power Systems MP2326GD Datasheet HTML 18Page - Monolithic Power Systems MP2326GD Datasheet HTML 19Page - Monolithic Power Systems MP2326GD Datasheet HTML 20Page - Monolithic Power Systems MP2326GD Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
MP2326 – 19V, 4A, LOW IQ STEP-DOWN CONVERTER
MP2326 Rev. 1.1
www.MonolithicPower.com
17
1/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage. First, choose a value for R2. R2
should be chosen reasonably; a small value for
R2 will lead to considerable quiescent current
loss while too large of a value for R2 makes the
FB noise sensitive. It is recommended to
choose a value within 5kΩ to 100kΩ for R2.
Typically, set the current through R2 to create a
good balance between system stability and no-
load loss. Then R1 is determined as follows:
OUT
REF
REF
VV
R1
R2
V

(11)
Where VREF is 0.6V, typically.
The feedback circuit is shown in Fig. 9.
FIGURE 9. Feedback Network
Table 2 lists the recommended resistor values
for common output voltages.
TABLE 2. Resistor Selection for Common Output
Voltages
(9)
VOUT(V)
R1(kΩ)
R2(kΩ)
1.0
27
40.2
1.2
40.2
40.2
1.5
60.4
40.2
1.8
80.6
40.2
2.5
127
40.2
3.3
182
40.2
5
294
40.2
Notes:
10) The feedback resistors in table 2 are optimized for a 500kHz
switching frequency. The detailed schematics are shown in
the “Typical Application Circuits” section.
Setting the Frequency
Refer to the “Mode Selection” section. Set the
forced PWM mode switching frequency by
connecting a resistor (R6) from VIN to
FREQ/MODE, leaving R7 NS (see Fig.10) . R6
is determined as follows:

6
Delay _ PWM
IN
SW
IN
Vo 10
T
(ns)
V
0.4
F(kHz) V
R6(k )
14.5





(12)
Where TDelay_PWM is about 15ns.
FIGURE 10. R6 vs. Forced PWM Mode Switching
Frequency
Set the auto PFM/PWM mode switching
frequency by connecting a resistor (R7) from
FREQ/MODE to ground, leaving R6 NS (see
Fig.11). R7 is determined as follows:

6
Delay _ PFM
IN
SW
IN
Vo 10
T
(ns)
V
0.4
F(kHz) V
R7(k )
13





(13)
Where TDelay_PFM is about 10ns.
FIGURE 11. R7 vs. Auto PFM/PWM Mode
Switching Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com