Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2326GD Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP2326GD
Description  19V, 4A, 40關A IQ, High-Efficiency Constant-On-Time (COT) Step-Down Converter in a 2mmx3mm QFN Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2326GD Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP2326GD Datasheet HTML 17Page - Monolithic Power Systems MP2326GD Datasheet HTML 18Page - Monolithic Power Systems MP2326GD Datasheet HTML 19Page - Monolithic Power Systems MP2326GD Datasheet HTML 20Page - Monolithic Power Systems MP2326GD Datasheet HTML 21Page - Monolithic Power Systems MP2326GD Datasheet HTML 22Page - Monolithic Power Systems MP2326GD Datasheet HTML 23Page - Monolithic Power Systems MP2326GD Datasheet HTML 24Page - Monolithic Power Systems MP2326GD Datasheet HTML 25Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
MP2326 – 19V, 4A, LOW IQ STEP-DOWN CONVERTER
MP2326 Rev. 1.1
www.MonolithicPower.com
22
1/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
MP2326
3, 14
1, 12
5
11
4
9
2, 13
8
7
6
10
Vin
EN
FREQ/MODE
VCC
PG
GND
SS
FB
CR
SW
BST
GND
VOUT
1.5V/4A
GND
C1A
0.1uF
C2A
22uF
R5
100K
R6
NS
R7
220K
R3
100K
C4
1uF
C3
15nF
Cb
0.1uF
Rb
0
L
3.3uH
Cr
120pF
R1
60.4K
R2
40.2K
C1
22uF
R4
NS
VIN
Note: Do NOT use R7 to set the forced PWM; use R6=196k. Do NOT use R6 to set the auto PFM/PWM; use R7=220k. The recommended
R6 and R7 values are based on equations 12 and 13, and they are optimized according to test results.
FIGURE 16. VIN=12V, VOUT=1.5V, IOUT=4A, FS=500kHz
MP2326
3, 14
1, 12
5
11
4
9
2, 13
8
7
6
10
Vin
EN
FREQ/MODE
VCC
PG
GND
SS
FB
CR
SW
BST
GND
VOUT
1.8V/4A
GND
C1A
0.1uF
C2A
22uF
R5
100K
R6
NS
R7
255K
R3
100K
C4
1uF
C3
15nF
Cb
0.1uF
Rb
0
L
3.3uH
Cr
120pF
R1
80.6K
R2
40.2K
C1
22uF
R4
NS
VIN
Note: Do NOT use R7 to set the forced PWM; use R6=243k. Do NOT use R6 to set the auto PFM/PWM; use R7=255k. The recommended R6
and R7 values are based on equations 12 and 13, and they are optimized according to test results.
FIGURE 17. VIN=12V, VOUT=1.8V, IOUT=4A, FS=500kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com