Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2326GD Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP2326GD
Description  19V, 4A, 40關A IQ, High-Efficiency Constant-On-Time (COT) Step-Down Converter in a 2mmx3mm QFN Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2326GD Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP2326GD Datasheet HTML 15Page - Monolithic Power Systems MP2326GD Datasheet HTML 16Page - Monolithic Power Systems MP2326GD Datasheet HTML 17Page - Monolithic Power Systems MP2326GD Datasheet HTML 18Page - Monolithic Power Systems MP2326GD Datasheet HTML 19Page - Monolithic Power Systems MP2326GD Datasheet HTML 20Page - Monolithic Power Systems MP2326GD Datasheet HTML 21Page - Monolithic Power Systems MP2326GD Datasheet HTML 22Page - Monolithic Power Systems MP2326GD Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
MP2326 – 19V, 4A, LOW IQ STEP-DOWN CONVERTER
MP2326 Rev. 1.1
www.MonolithicPower.com
19
1/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OUT
OUT
OUT
ESR
SW
IN
VV
V(1
) R
FL
V

 
(22)
In addition to considering the output ripple,
choosing a larger output capacitor can achieve
improved load transient response. However, the
maximum output capacitor limitation should be
considered in design application. If the output
capacitor value is too high, the output voltage
cannot reach the design value during the soft-
start time, causing it to fail to regulate. The
maximum output capacitor value Co_max can be
limited approximately by:
O_ MAX
LIM _ AVG
OUT
ss
OUT
C(I
I
) T / V

(23)
Where, ILIM_AVG is the average start-up current
during the soft-start period. Tss is the soft-start
time.
External Bootstrap Diode
BST voltage may become insufficient during
particular conditions. In these cases, an
external bootstrap diode can enhance the
efficiency of the regulator and help to avoid
insufficient BST voltage during light-load PFM
operation. The insufficient BST voltage is more
likely to happen at either of the following
conditions:
VIN is low
The duty cycle is large: D=
IN
OUT
V
V
>65%
In these cases (if insufficient BST voltage
occurs), the output-ripple voltage may become
extremely large during a light-load condition, or
there may be poor efficiency during a heavy-
load condition. Add an external BST diode from
VCC to BST as shown in Fig. 12.
FIGURE 12. Optional External Bootstrap Diode
The recommended external BST diode is
IN4148.
PCB Layout Guidelines
Efficient PCB layout is critical for efficient
operation. A poor layout design can result in
poor line or load regulation and stability issues.
For best results, please refer to Fig.13 and
follow the guidelines below:
1)Place the high-current paths (GND, IN, and
SW) very close to the device with short,
direct, and wide traces.
2)Place the input capacitor as close as
possible to IN and GND.
3)Place the FREQ/MODE circuit very close to
the part.
4)Place the external feedback resistors next
to FB.
5)Keep the switching node SW short and
away from the feedback network.
For optimum performance, use 4-layer boards.
Fig. 13 shows the top and bottom layers of the
PCB (Inner 1 and Inner 2 are all GND).
sw
VOUT
GND
VIN
R1
R2
GND
C1A
C1B
C2A
C2B
R5
R7
R6
C3
C4
Rb
Cb
R3
L
C1
Top Layer
MP2326



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com