Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2326GD Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2326GD
Description  19V, 4A, 40關A IQ, High-Efficiency Constant-On-Time (COT) Step-Down Converter in a 2mmx3mm QFN Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2326GD Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2326GD Datasheet HTML 10Page - Monolithic Power Systems MP2326GD Datasheet HTML 11Page - Monolithic Power Systems MP2326GD Datasheet HTML 12Page - Monolithic Power Systems MP2326GD Datasheet HTML 13Page - Monolithic Power Systems MP2326GD Datasheet HTML 14Page - Monolithic Power Systems MP2326GD Datasheet HTML 15Page - Monolithic Power Systems MP2326GD Datasheet HTML 16Page - Monolithic Power Systems MP2326GD Datasheet HTML 17Page - Monolithic Power Systems MP2326GD Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
MP2326 – 19V, 4A, LOW IQ STEP-DOWN CONVERTER
MP2326 Rev. 1.1
www.MonolithicPower.com
14
1/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
FIGURE 6. VIN Start-Up Min VIN vs. VOUT to
Guarantee the Auto PFM/PWM Mode Works
Efficiently
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection. This UVLO’s
rising threshold is 2.2V with a hysteresis of
150mV. The bootstrap capacitor voltage is
regulated internally by VIN through D1, M1, Cb,
L1, and C2A (see Fig. 7). If (VIN-VSW) exceeds 5V,
U1 regulates M1 to maintain a 5V BST voltage
across Cb.
C2A
FIGURE 7. Bootstrap Charging Circuit
Ramp with Small ESR Output Capacitor
When the output capacitors are ceramic, the
ESR ripple is not high enough to stabilize the
system, so the external ramp compensation is
needed.
FIGURE 8. Simplified External Ramp Circuit in
PWM Mode with Small ESR Cap
Figure 8 shows a simplified external ramp
compensation for PWM mode. Chose the
external ramp (Cr)to meet the following condition:
FB
sw
r
11
R
2F
C
5

(7)
Where RFB is set to 90k internally. Then:
Rramp
Cr
RFB
Cr
I
= I + I
I
(8)
The Vramp on the VCR can be estimated as follows:
in
out
ramp
on
ramp
r
VV
VT
RC

(9)
Where, Rramp is set to 900k internally.
As can be seen from equation 9, if there is
instability in PWM mode, Cr can be reduced. If Cr
cannot be reduced further (due to limitations from
equation 7), add an external resistor between
SW and CR to reduce the equivalent Rramp.
Typically, set Vramp to about 20-40mV for stable
PWM operation.
Table 1 below shows the recommended Cr
values
for
different
output
voltages.
The
recommended Cr values in Table 1 are based on
a 500kHz switching frequency, selected output
inductor, and 22µF output capacitors.
TABLE 1. Cr Selection for Common Output
Voltages
Note:
9) When VOUT=5V, VIN should be higher than 6V.
Cr(pF)
VOUT(V)
L(μH)
VIN=12V VIN=5V
1.0
2.2
82
82
1.2
2.2
100
100
1.5
3.3
120
82
1.8
3.3
120
56
2.5
3.3
150
56
3.3
4.7
150
56
5
4.7
100
56
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com