Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4473GL Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP4473GL
Description  High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4473GL Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP4473GL Datasheet HTML 11Page - Monolithic Power Systems MP4473GL Datasheet HTML 12Page - Monolithic Power Systems MP4473GL Datasheet HTML 13Page - Monolithic Power Systems MP4473GL Datasheet HTML 14Page - Monolithic Power Systems MP4473GL Datasheet HTML 15Page - Monolithic Power Systems MP4473GL Datasheet HTML 16Page - Monolithic Power Systems MP4473GL Datasheet HTML 17Page - Monolithic Power Systems MP4473GL Datasheet HTML 18Page - Monolithic Power Systems MP4473GL Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
MP4473–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4473 Rev. 1.0
www.MonolithicPower.com
15
12/15/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
A VFB drop below 50%xVREF triggers UVP. Also, it
triggers a current limit that initiates SCP.
Under-Voltage Lock-Out Protection (UVLO)
The
MP4473
has
under-voltage
lock-out
protection (UVLO). When the input voltage is
higher than the UVLO rising threshold voltage,
the MP4473 begins to power up. It shuts off
when the input voltage is lower than the UVLO
falling threshold voltage. This is non-latch
protection.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating-power MOSFET driver. A dedicated,
internal regulator charges and regulates the
bootstrap capacitor voltage to ~5V. When the
voltage between the BST and SW nodes drops
below regulation, a PMOS pass transistor,
connected from VIN to BST, turns on. The
charging current path travels from VIN to BST
and then to SW. The external circuit should
provide enough voltage headroom to facilitate
charging.
The bootstrap capacitor remains charged if the
VIN is significantly higher than the SW. When the
HS-FET is ON, VIN≈VS. This prevents the
bootstrap capacitor from charging.
When the LS-FET is ON, VIN−VSW reaches its
maximum for fast charging. When there is no
inductor
current,
VSW=VOUT; the
difference
between VIN and VOUT can charge the bootstrap
capacitor.
At higher duty cycles, the bootstrap-charging
time is shorter. Therefore, the bootstrap capacitor
may not charge sufficiently. If the internal circuit
does not have sufficient time and voltage to
charge the bootstrap capacitor, the bootstrap
capacitor voltage drops low. When VBST−VSW
drops below 2.3V, the HS-FET turns OFF. A
UVLO circuit allows the LS-FET to conduct and
refresh the charge on the bootstrap capacitor.
Once the bootstrap capacitor voltage is charged,
the HS-FET
turns ON again and the part
resumes
normal
switching.
The
bootstrap
refreshing function allows the MP4473 to work on
low drop-out mode.
Thermal Shutdown (TSD)
The MP4473 uses thermal shutdown (TSD). The
junction temperature of the IC is internally
monitored. If the junction temperature exceeds
the threshold value (typically 175°C), the
converter shuts off. This is a non-latched
protection, with about 45°C hysteresis. Once the
junction temperature drops to 130°C, it initiates a
SS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com