Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4473GL Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP4473GL
Description  High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4473GL Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP4473GL Datasheet HTML 13Page - Monolithic Power Systems MP4473GL Datasheet HTML 14Page - Monolithic Power Systems MP4473GL Datasheet HTML 15Page - Monolithic Power Systems MP4473GL Datasheet HTML 16Page - Monolithic Power Systems MP4473GL Datasheet HTML 17Page - Monolithic Power Systems MP4473GL Datasheet HTML 18Page - Monolithic Power Systems MP4473GL Datasheet HTML 19Page - Monolithic Power Systems MP4473GL Datasheet HTML 20Page - Monolithic Power Systems MP4473GL Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
MP4473–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4473 Rev. 1.0
www.MonolithicPower.com
19
12/15/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
LAYOUT RECOMMENDATION
1. Place high-current paths (GND, IN, and SW)
very close to the device with short, direct, and
wide traces.
2. Place input capacitors on both VIN sides
(PIN8 and PIN19) and as close to the IN and
GND pins as possible.
3. Place the decoupling capacitor as close to
the Vcc and GND pins as possible.
4. Keep the switching node SW short and far
away from the feedback network.
5. Place the external feedback resistors next to
the FB pin. Do not place vias on the FB trace.
6. Keep the BST voltage path (BST, C3, and
SW) as short as possible.
7. Connect the bottom IN and SW pads to a
large copper area to achieve optimal thermal
performance.
8. A four-layer layout is strongly recommended
to achieve optimal thermal performance.
C2A
C2B
Top Layer
Inner1 Layer
Inner2 Layer
Bottom Layer
Figure 9: PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com