Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4473GL Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4473GL
Description  High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4473GL Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4473GL Datasheet HTML 10Page - Monolithic Power Systems MP4473GL Datasheet HTML 11Page - Monolithic Power Systems MP4473GL Datasheet HTML 12Page - Monolithic Power Systems MP4473GL Datasheet HTML 13Page - Monolithic Power Systems MP4473GL Datasheet HTML 14Page - Monolithic Power Systems MP4473GL Datasheet HTML 15Page - Monolithic Power Systems MP4473GL Datasheet HTML 16Page - Monolithic Power Systems MP4473GL Datasheet HTML 17Page - Monolithic Power Systems MP4473GL Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
MP4473–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4473 Rev. 1.0
www.MonolithicPower.com
14
12/15/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Figure 6 shows an equivalent circuit in PWM
mode with the HS-FET OFF and without an
external ramp circuit. The ESR ripple dominates
the output ripple. The VFB downward slope is
calculated as follows:
REF
SLOPE1
ESR V
V
L
−×
=
(7)
From equation 7, the VFB downward slope is
proportional to ESR/L. Therefore, it’s necessary
to know the minimum ESR value of the output
capacitors without an external ramp. Also, there
is an inductance limit: a smaller inductance leads
to
increased
stability.
Based
on
bench
experiments, keep VSLOPE1 around 15V/ms to
30V/ms.
In skip mode, the external ramp does not affect
the downward slope; the downward slope of the
VFB ripple remains the same with or without the
external ramp. Figure 7 shows an equivalent
circuit with the HS-FET OFF and the current
modulator regulating the LS-FET.
IMOD
Figure 7: Simplified Circuit in Skip Mode
The downward slope of the VFB ripple is:
()
−
=
+×
REF
SLOPE2
12
OUT
V
V
RR
C
(8)
To keep the system stable during light loads,
avoid large VFB resistors. Also, keep the VSLOPE2
value around 0.4V/ms to 0.8mV/ms. Note that
IMOD is excluded from the equation because it
does not impact the system’s light-load stability.
Soft-Start (SS)
The MP4473 employs soft-start (SS) to ensure
smooth output during power-up. When the EN
pin goes HIGH, an internal-current source (8.5μA)
charges the SS capacitor (CSS). The CSS voltage
takes over the REF voltage to the PWM
comparator. The output voltage smoothly ramps
up with VSS. Once VSS reaches the same level as
VREF, it continues ramping up while VREF takes
over the PWM comparator. At this point, soft-start
finishes and the MP4473 enters steady state.
CSS is then:
()
( )
( )
()
SS
SS
SS
REF
tms
I
A
CnF
VV
×μ
=
(9)
If the output capacitors have large capacitance
values, avoid setting a short SS or risk hitting the
current limit during SS. Select a minimum value
of 4.7nF if the output capacitance value exceeds
330μF.
Power Good (PGOOD)
The MP4473 has power-good (PGOOD) output.
The PGOOD pin is the open drain of a MOSFET.
It connects to VCC (or a different voltage source)
through a resistor (e.g. 100kΩ). In the presence
of an input voltage, the MOSFET turns ON so
that the PGOOD pin is pulled to GND before SS
is ready. After VFB reaches 90%xVREF, the
PGOOD pin is pulled HIGH (after a delay,
typically 700μs).
When the FB voltage drops to 85%xVREF, the
PGOOD pin is pulled LOW.
Over-Current Protection (OCP) and Short-
Circuit Protection (SCP)
The MP4473 has cycle-by-cycle over-current limit
control. The inductor current is monitored during
the ON state. Once the inductor current exceeds
the current limit, the HS-FET turns OFF.
Simultaneously, the OCP timer starts. The OCP
timer is set at 100μs. Hitting the current limit
every cycle during the 100μs time frame will
trigger hiccup SCP.
If a short circuit occurs, the MP4473 immediately
will hit its current limit and VFB will drop below
50%xVREF (0.815V). The device considers this an
output dead short and will trigger hiccup SCP
immediately.
Under-Voltage Protection (UVP)
The MP4473 monitors the output voltage through
the tap of a resistor divider to the FB pin. This
detects output under-voltage conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com