Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4473GL Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP4473GL
Description  High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4473GL Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP4473GL Datasheet HTML 13Page - Monolithic Power Systems MP4473GL Datasheet HTML 14Page - Monolithic Power Systems MP4473GL Datasheet HTML 15Page - Monolithic Power Systems MP4473GL Datasheet HTML 16Page - Monolithic Power Systems MP4473GL Datasheet HTML 17Page - Monolithic Power Systems MP4473GL Datasheet HTML 18Page - Monolithic Power Systems MP4473GL Datasheet HTML 19Page - Monolithic Power Systems MP4473GL Datasheet HTML 20Page - Monolithic Power Systems MP4473GL Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
MP4473–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4473 Rev. 1.0
www.MonolithicPower.com
18
12/15/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Typical Design Parameter Tables
The following tables include recommended
component values for typical output voltages
(3.3V, 5V) and switching frequencies (300kHz,
500kHz, and 700kHz). Refer to tables 1—3 for
design
cases
without
external
ramp
compensation. Refer to tables 4—6 for design
cases with external ramp compensation. An
external ramp is not needed when using high-
ESR
capacitors,
such
as
electrolytic
or
POSCAPs. An external ramp is needed when
using low-ESR capacitors, such as ceramic
capacitors. To calculate approximate component
values for cases not listed, an Excel spreadsheet
is
available
through
your
local
sales
representative.
Table 1: 300kHz, 24VIN
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
RFREQ
(kΩ)
3.3
10
30.1
10
110
5
10
51.1
10
169
Table 2: 500kHz, 24VIN
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
RFREQ
(kΩ)
3.3
10
30.1
10
63.4
5
10
51.1
10
100
Table 3: 700kHz, 24VIN
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
RFREQ
(kΩ)
3.3
10
30.1
10
44.2
5
10
51.1
10
69.8
Table 4: 300kHz, 24VIN
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R4
(kΩ)
C4
(pF)
RFREQ
(kΩ)
3.3
10
30.9
10
953
390
110
5
10
53.6
10
845
560
169
Table 5: 500kHz, 24VIN
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R4
(kΩ)
C4
(pF)
RFREQ
(kΩ)
3.3
10
31.6
10
620
390
63.4
5
10
53.6
10
845
390
100
Table 6: 700kHz, 24VIN
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R4
(kΩ)
C4
(pF)
RFREQ
(kΩ)
3.3
10
31.6
10
560
390
44.2
5
10
54.9
10
620
390
69.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com