Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4473GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4473GL
Description  High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4473GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4473GL Datasheet HTML 1Page - Monolithic Power Systems MP4473GL Datasheet HTML 2Page - Monolithic Power Systems MP4473GL Datasheet HTML 3Page - Monolithic Power Systems MP4473GL Datasheet HTML 4Page - Monolithic Power Systems MP4473GL Datasheet HTML 5Page - Monolithic Power Systems MP4473GL Datasheet HTML 6Page - Monolithic Power Systems MP4473GL Datasheet HTML 7Page - Monolithic Power Systems MP4473GL Datasheet HTML 8Page - Monolithic Power Systems MP4473GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MP4473
High-Efficiency, Fast-Transient, 3.5A, 36V
Synchronous, Step-Down Converter
MP4473 Rev. 1.0
www.MonolithicPower.com
1
12/15/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4473 is a fully integrated, high-
frequency, synchronous, rectified, step-down,
switch-mode converter. It offers a compact
solution to achieve a 3.5A, continuous-output
current over a wide input-supply range with
excellent load and line regulation. It provides
fast, transient response and good stability for
wide input-supply and load range. The MP4473
operates at high efficiency over a wide-output-
current load range.
MP4473 has full protection features including,
short-circuit protection (SCP), over-current
protection (OCP), under-voltage protection
(UVP), and thermal shutdown (TSD).
The MP4473 requires minimal, readily available,
standard, external components, and is available
in a compact 3mmx4mm, 20-pin, QFN package.
FEATURES
• Wide 4.5V-to-36V Operating Input Range
• Guaranteed 3.5A, Continuous Output
Current
• Internal 40mΩ High-Side, 20mΩ Low-Side
Power MOSFETs
• Proprietary Switching-Loss-Reduction
Technology
• 1% Reference Voltage
• Programmable Soft-Start Time
• Low Drop-Out Mode
• 200kHz-to-1MHz Switching Frequency
• SCP, OCP, UVP, and Thermal Shutdown
• Output Adjustable from 0.8V to 0.9×VIN
• Available in a 3mmx4mm, 20-pin, QFN
Package
APPLICATIONS
•
Notebook Systems and I/O Power
•
Automotive Systems
•
Networking Systems
•
Industrial Supplies
•
Optical Communications Systems
•
Distributed Power and POL Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
499k
63.4k
10
1
33nF
0.1
390pF
620k
31.6k
L1
C4
R4
C3
R1
C1
R5
R3
C5
C6
8,19,21,22,23
V
OUT 3.3V
V
IN
EN
9,10
3
7
11-16
1
4
6
5
2
20
,17,18,24,25
MP4473
IN
BST
SW
FB
SS
EN
PGOOD
VCC
FREQ
AGND PGND
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10


Similar Part No. - MP4473GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4470 MPS-MP4470 Datasheet
930Kb / 18P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
MP4470A MPS-MP4470A Datasheet
930Kb / 18P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
MP4470AGL MPS-MP4470AGL Datasheet
930Kb / 18P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
MP4470GL MPS-MP4470GL Datasheet
930Kb / 18P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
More results

Similar Description - MP4473GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4470 MPS-MP4470 Datasheet
930Kb / 18P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
MPQ4470 MPS-MPQ4470 Datasheet
805Kb / 20P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4473-AEC1 MPS-MPQ4473-AEC1 Datasheet
1Mb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter with AEC-Q100 Qualified
MP9447 MPS-MP9447 Datasheet
726Kb / 19P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
MP9473 MPS-MP9473 Datasheet
2Mb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
EV4473-L-00A MPS-EV4473-L-00A Datasheet
450Kb / 7P
High-Efficiency, Fast-Transient, 3.5A, 36V Step-Down Converter Evaluation Board
EV9473-L-00A MPS-EV9473-L-00A Datasheet
480Kb / 7P
High-Efficiency, Fast-Transient, 3.5A, 36V Step-Down Converter Evaluation Board
logo
Diodes Incorporated
PAM2325 DIODES-PAM2325 Datasheet
553Kb / 12P
FAST TRANSIENT 3.5A STEP-DOWN CONVERTER
Rev 2
PAM2327 DIODES-PAM2327 Datasheet
328Kb / 11P
FAST TRANSIENT 3.5A STEP-DOWN CONVERTER
Rev 2
logo
Maxim Integrated Produc...
MAX17633 MAXIM-MAX17633 Datasheet
1Mb / 23P
4.5V to 36V, 3.5A, High Efficiency, Synchronous Step-Down, DC-DC Converter
Rev 2; 7/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com