Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4473GL Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4473GL
Description  High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4473GL Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4473GL Datasheet HTML 1Page - Monolithic Power Systems MP4473GL Datasheet HTML 2Page - Monolithic Power Systems MP4473GL Datasheet HTML 3Page - Monolithic Power Systems MP4473GL Datasheet HTML 4Page - Monolithic Power Systems MP4473GL Datasheet HTML 5Page - Monolithic Power Systems MP4473GL Datasheet HTML 6Page - Monolithic Power Systems MP4473GL Datasheet HTML 7Page - Monolithic Power Systems MP4473GL Datasheet HTML 8Page - Monolithic Power Systems MP4473GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
MP4473–HIGH-EFFICIENCY, FAST-TRANSIENT, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4473 Rev. 1.0
www.MonolithicPower.com
5
12/15/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
Feedback Voltage vs.
Junction Temperature
VIN=24V
0.810
0.812
0.814
0.816
0.818
0.820
-50 -25
0
25 50
75 100 125
Quiescent Current vs.
Junction Temperature
VIN=24V
400
450
500
550
600
-50 -25
0
25
50
75 100 125
Shutdown Current vs.
Junction Temperature
VIN=24V
0
20
40
60
80
100
120
-50 -25
0
25 50
75 100 125
Ton vs.
Junction Temperature
VIN=12V
275
277
279
281
283
285
-50 -25
0
25
50
75 100 125
HS R
DS-ON vs.
Junction Temperature
VIN=24V,BST-SW=5V
20
25
30
35
40
45
50
55
60
-50 -25
0
25
50
75 100 125
Current Limit vs.
Junction Temperature
VIN=24V
6.0
6.5
7.0
7.5
8.0
8.5
9.0
-50 -25
0
25 50
75 100 125
I
SS vs. Junction Temperature
VIN=24V
7.0
7.5
8.0
8.5
9.0
9.5
10.0
-50 -25
0
25 50
75 100 125
VIN UVLO Rising Threshold vs.
Junction Temperature
3.95
3.97
3.99
4.01
4.03
4.05
-50 -25
0
25 50
75 100 125
VIN UVLO Falling Threshold vs.
Junction Temperature
VIN=24V
3.10
3.12
3.14
3.16
3.18
3.20
-50 -25
0
25
50 75 100 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com